Electronic Components Datasheet Search
  English  ▼

X  

BBA31 Datasheet(PDF) 18 Page - BeRex Corporation

Part # BBA31
Description  50-5000 MHz Flat Gain BroadBand AMP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA31 Datasheet(HTML) 18 Page - BeRex Corporation

Back Button BBA31 Datasheet HTML 11Page - BeRex Corporation BBA31 Datasheet HTML 12Page - BeRex Corporation BBA31 Datasheet HTML 13Page - BeRex Corporation BBA31 Datasheet HTML 14Page - BeRex Corporation BBA31 Datasheet HTML 15Page - BeRex Corporation BBA31 Datasheet HTML 16Page - BeRex Corporation BBA31 Datasheet HTML 17Page - BeRex Corporation BBA31 Datasheet HTML 18Page - BeRex Corporation BBA31 Datasheet HTML 19Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
50-5000 MHz Flat Gain BroadBand AMP
BBA31
18
Rev. 1.0
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns.)
MSL / ESD Rating
ESD Rating:
Value:
Test:
Standard:
MSL Rating:
Standard:
Class 1C
Passes <2000V
Human Body Model (HBM)
JEDEC Standard JS-001-2017
Level 1 at +260°C convection reflow
JEDEC Standard J-STD-020
Tape & Reel
Package Marking
XX = Wafer No.
Proper ESD procedures should be followed when handling this device.
C a u t i o n : ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
DFN 8L 2x2
Packaging information:
Tape Width (mm): 8
Reel Size (inches): 7
Device Cavity Pitch (mm): 4
Devices Per Reel: 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com