Electronic Components Datasheet Search
  English  ▼

X  

SS8050-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # SS8050-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS8050-HF Datasheet(HTML) 3 Page - Comchip Technology

  SS8050-HF Datasheet HTML 1Page - Comchip Technology SS8050-HF Datasheet HTML 2Page - Comchip Technology SS8050-HF Datasheet HTML 3Page - Comchip Technology SS8050-HF Datasheet HTML 4Page - Comchip Technology SS8050-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
350
300
250
200
100
0
0
25
50
75
100
125
150
Ambient Temperature, Ta (°C)
Fig.7 - fT — IC
Collector Current, IC (mA)
General Purpose Transistor
150
50
1
10
100
1000
100
10
1
Ta= 25°C
VCE=10V
Rating and Characteristic Curves (SS8050-HF)
Comchip Technology CO., LTD.
REV:A
Page 3
QW-JTR154
Fig.8 - PC ― TA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com