Electronic Components Datasheet Search
  English  ▼

X  

SS8050-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # SS8050-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS8050-HF Datasheet(HTML) 1 Page - Comchip Technology

  SS8050-HF Datasheet HTML 1Page - Comchip Technology SS8050-HF Datasheet HTML 2Page - Comchip Technology SS8050-HF Datasheet HTML 3Page - Comchip Technology SS8050-HF Datasheet HTML 4Page - Comchip Technology SS8050-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS8050-HF (NPN)
RoHS Device
General Purpose Transistor
1 : BASE
2 : EMITTER
3 : COLLECTOR
Maximum Ratings (at TA=25°C unless otherwise noted)
VCEO
Emitter-Base voltage
Collector-Emitter voltage
Collector-Base voltage
Collector current
Symbol
Parameter
Value
Unit
V
V
V
5
25
40
IC
1.5
A
300
mW
PC
Collector power dissipation
°C/W
RθJA
417
VCBO
VEBO
°C
-55 to +150
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-Base breakdown voltage
0.1
IC=100μA, IE=0
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Collector cut-off current
Collector-Emitter saturation voltage
Transition frequency
IC=0.1mA, IB=0
IE=100μA, IC=0
VCB=40V, IE=0
V E=20V, IE=0
C
IC=800mA, IB=80mA
VCE=10V, IC=50mA, f=30MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICEO
VCE(sat)
fT
25
40
5
0.1
0.5
V
V
V
µA
µA
V
MHZ
Base-Emitter saturation voltage
IC=800mA, IB=80mA
VBE(sat)
1.2
V
Typ
DC current gain
VCE=1V, IC=100mA
hFE(1)
350
200
VCE=1V, IC=800mA
hFE(2)
40
100
Emitter cut-off current
VEB=5V, IC=0
IEBO
0.1
µA
Halogen Free
Comchip Technology CO., LTD.
REV:A
Page 1
QW-JTR154
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.055(1.40)
0.047(1.20)
0.118(3.00)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
Mechanical Data
- Case: SOT-23, molded plastic.
- Mounting position: Any.
Circuit Diagram
1
Base
2
Emitter
Collector
3
Operation junction and
storage temperature range
TJ, TSTG
Thermal resistance from
junction to ambient


Similar Part No. - SS8050-HF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS8050-H YFWDIODE-SS8050-H Datasheet
450Kb / 3P
NPN Transistors
logo
Comchip Technology
SS8050-H-HF COMCHIP-SS8050-H-HF Datasheet
567Kb / 5P
General Purpose Transistors
REV:B
More results

Similar Description - SS8050-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com