Electronic Components Datasheet Search
  English  ▼

X  

USB3290 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB3290 Datasheet HTML 11Page - SMSC Corporation USB3290 Datasheet HTML 12Page - SMSC Corporation USB3290 Datasheet HTML 13Page - SMSC Corporation USB3290 Datasheet HTML 14Page - SMSC Corporation USB3290 Datasheet HTML 15Page - SMSC Corporation USB3290 Datasheet HTML 16Page - SMSC Corporation USB3290 Datasheet HTML 17Page - SMSC Corporation USB3290 Datasheet HTML 18Page - SMSC Corporation USB3290 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
15
Revision 1.5 (11-02-07)
DATASHEET
Note 6.3
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40
oC to 85oC; unless otherwise specified.
Note 6.4
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40
oC to 85oC; unless otherwise specified.
High Speed High Level
Output Voltage (DP/DM
referenced to GND)
VHSOH
45
Ω load
360
440
mV
High Speed IDLE Level
Output Voltage (DP/DM
referenced to GND)
VOLHS
45
Ω load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45
Ω load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45
Ω load.
-900
-500
mV
Leakage Current
OFF-State Leakage Current
ILZ
± 1
uA
Port Capacitance
Transceiver Input Capacitance
CIN
Pin to GND
5
10
pF
Table 6.4 Dynamic Characteristics: Analog I/O Pins (DP/DM) (
Note 6.4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FS Output Driver Timing
Rise Time
TFSR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Fall Time
TFFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first
transition from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
FRFM
Excluding the first
transition from IDLE state
90
111.1
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
See
Figure 6.2
High Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
See
Figure 6.2
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
See
Figure 6.2
Table 6.3 DC Electrical Characteristics: Analog I/O Pins (DP/DM) (
Note 6.3) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com