Electronic Components Datasheet Search
  English  ▼

X  

AD5370 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5370
Description  Evaluation Board for AD5370/AD5372/AD5373
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 1 Page - Analog Devices

  AD5370 Datasheet HTML 1Page - Analog Devices AD5370 Datasheet HTML 2Page - Analog Devices AD5370 Datasheet HTML 3Page - Analog Devices AD5370 Datasheet HTML 4Page - Analog Devices AD5370 Datasheet HTML 5Page - Analog Devices AD5370 Datasheet HTML 6Page - Analog Devices AD5370 Datasheet HTML 7Page - Analog Devices AD5370 Datasheet HTML 8Page - Analog Devices AD5370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board for
AD5370/AD5372/AD5373
Preliminary Technical Data
EVAL-AD5370/2/3EBZ
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2008 Analog Devices, Inc. All rights reserved.
FEATURES
Full-Featured Evaluation Board for the
AD5370/AD5372/AD5373
USB Interface
PC Software for Register Programming
Various Reference Voltages Available
Stand-Alone Operation
INTRODUCTION
This Technical Note describes the operation and functionality
of the Evaluation Board for the AD5370, AD5372 and AD5373.
As these 3 parts are pin compatible the same evaluation board is
used for all. AD537x will be used throughout this technical note
to refer to the actual multi-channel DAC used on the board.
This note should be used in conjunction with the data sheet of
the appropriate DAC. The evaluation board allows the
this link is in position C the voltage on SMB connector
ed easily. The evaluation board can be used as a stand alone
board with control coming from an external DSP or micro-
controller or it can be connected to a PC. Software is provided
which can be used to program the registers of the AD537x.
Control of the AD537x is achieved via a USB interface
FUNCTIONAL BLOCK DIAGRAM
USB
INTERFACE
AD537x
DIN
SDO
SCLK
SYNC
LDAC
CLR
RESET
LK1
(USB Used)
HEADER
VOUT0
VOUT1
:
:
:
:
VOUTn
VREF0
VREF1
VREF2
5V
3V
EXT VREF
VREF
SELECTION
EVAL-AD5370_2_3EB
Figure 1. Functional Block Diagram


Similar Part No. - AD5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370BSTZ AD-AD5370BSTZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
More results

Similar Description - AD5370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com