Electronic Components Datasheet Search
  English  ▼

X  

AD5370 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5370
Description  Evaluation Board for AD5370/AD5372/AD5373
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5370 Datasheet HTML 4Page - Analog Devices AD5370 Datasheet HTML 5Page - Analog Devices AD5370 Datasheet HTML 6Page - Analog Devices AD5370 Datasheet HTML 7Page - Analog Devices AD5370 Datasheet HTML 8Page - Analog Devices AD5370 Datasheet HTML 9Page - Analog Devices AD5370 Datasheet HTML 10Page - Analog Devices AD5370 Datasheet HTML 11Page - Analog Devices AD5370 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Technical Data
EVAL-AD5370/2/3EB
Rev. PrC | Page 11 of 12
Table 5. Bill Of Materials
Name
Part Type
Value
PCB Decal
Part Description
Stock Code1
U1
AD5370/2/3
LQFP64
Multichannel 16/14-Bit denseDAC
U2
ADP3303-3.3
SO8NB
Precision Low Dropout Voltage
Regulator
ADP3303AR-3.3
U8
ADR423
SO8NB
3V Reference
ADR423AR
U5
ADR435
SO8NB
5V Reference
ADR435AR
U3
24LC64
SO8NB
64K I2C Serial EEPROM
Digikey 24LC64-I/SN-
ND
U4
74HC245
TSSOP20
Bus Transciever
Digikey 296-8279-1-ND
U7
CY7C68013-CSP
LFCSP-56
USB Microcontroller
CY7C68013-56LFC
J1
USB-MINI-B
USB-MINI-B
USB Mini-B Connector (usb-otg)
FEC 476-8309
(Digikey WM2499CT-
ND)
J2
CON\POWER5
CON\POWER5
5 Pin Termical Block
FEC 151-785 & 151-786
J4
HEADER50
HEADER50
50 Pin (2x25) 0.1" Pitch Header
FEC 148-535
S1
SW-PUSH
SW_PB_SMD_6MM
Push Button Switch (sealed 6mm x
6mm)
FEC 177-807
C3
CAP+
10uF
CAP\TAJ_A
10V SMD Tantalum Capacitor
FEC 197-130
C21, C23,
C29, C31,
C33, C42
CAP+
10uF
CAP\TAJ_C
25V SMD Tantalum Capacitor
FEC 197-518
C17
CAP
1uF
0603
10V DC Y5V Ceramic Capacitor
FEC 318-8840
D1
LED
LED-0805
Green Light Emitting Diode
FEC 359-9681
EXT_REF
SMB
SMB
50r Straight SMB Jack
FEC 365 1228
C4
CAP+
2.2uF
CAP\TAJ_A
10V SMD Tantalum Capacitor
FEC 498-646
LK1, LK3, LK8
JUMPER
SIP-2P
2 Pin (0.1" Pitch) Header & Shorting
Shunt
FEC 511-705 & 150-411
LK4
JUMPER-3
JUMPER_3
6 Pin (3x2) 0.1" Header & Shorting Block
FEC 511-780 & 150-411
J3
HEADER20
HEADER20
20 Pin (2x10) 0.1" Pitch Header
FEC 511-833
Y1
XTAL-CM309S
24
MHz
XTAL_CM309S
Plastic SMD Crystal
FEC 569-872
U6
NC7S08
SOT23-5
Tinylogic AND Gate
FEC 685-926
C1, C2
CAP
22pF
0603
50V NPO SMD Ceramic Capacitor
FEC 722-005
R1, R17, R18
RES
0R
0603
SMD Resistor
FEC 772-227
T1, T3, T11,
T12, T13, T14,
T15, T16, T17,
T18
TESTPOINT
TESTPOINT
Black Testpoint
FEC 873-1128
T2, T4, T5, T6,
T7, T8, T9,
T10, T60, T63,
T64
TESTPOINT
TESTPOINT
Red Testpoint
FEC 873-1144
V0-V39
TESTPOINT
TESTPOINT
Red Testpoint
FEC 873-1144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com