Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7150
Description  Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7150 Datasheet HTML 5Page - Analog Devices AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices AD7150 Datasheet HTML 10Page - Analog Devices AD7150 Datasheet HTML 11Page - Analog Devices AD7150 Datasheet HTML 12Page - Analog Devices AD7150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD7150
Rev. A | Page 9 of 28
4
–4
–2
0
2
–50
100
75
50
25
0
–25
TEMPERATURE (°C)
Figure 16. Capacitance Input Offset Error vs. Temperature,
VDD = 3.3 V, CIN and EXC Pins Open Circuit
0.2
–0.2
–0.1
0
0.1
–50
100
75
50
25
0
–25
TEMPERATURE (°C)
Figure 17. Capacitance Input Gain Error vs. Temperature,
VDD = 3.3 V, CIN to EXC = 2 pF
2
–2
–1
0
1
–50
100
75
50
25
0
–25
TEMPERATURE (°C)
Figure 18. EXC Frequency Error vs. Temperature,
VDD = 3.3 V
2
–2
–1
0
1
2.7
3.6
3.3
3.0
VDD (V)
Figure 19. EXC Frequency Error vs. VDD
0
–80
–60
–40
–20
05
4
3
2
1
INPUT SIGNAL FREQUENCY (kHz)
Figure 20. Capacitance Channel Frequency Response
0.50
–0.50
–0.25
0
0.25
064
48
32
16
CAPDAC CODE
Figure 21. CAPDAC Differential Nonlinearity (DNL),
VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com