Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7150
Description  Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices AD7150 Datasheet HTML 10Page - Analog Devices AD7150 Datasheet HTML 11Page - Analog Devices AD7150 Datasheet HTML 12Page - Analog Devices AD7150 Datasheet HTML 13Page - Analog Devices AD7150 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7150
Data Sheet
Rev. A | Page 10 of 28
ARCHITECTURE AND MAIN FEATURES
DIGITAL
FILTER
POWER-DOWN
TIMER
CLOCK
GENERATOR
SERIAL
INTERFACE
POWER SUPPLY
MONITOR
CIN1
CX1
CX2
EXC1
Σ-∆ CDC
CIN2
EXC2
MUX
EXCITATION
CAPDAC
THRESHOLD
THRESHOLD
SCL
VDD
GND
AD7150
SDA
PROGRAMMING
INTERFACE
DIGITAL
OUTPUTS
OUT1
OUT2
3.3V
Figure 22. AD7150 Block Diagram
The AD7150 core is a high performance capacitance-to-digital
converter (CDC) that allows the part to be interfaced directly to
a capacitive sensor.
The comparators compare the CDC result with thresholds, either
fixed or dynamically adjusted by the on-chip adaptive threshold
algorithm engine. Thus, the outputs indicate a defined change in
the input sensor capacitance.
The AD7150 also integrates an excitation source and CAPDAC
for the capacitive inputs, an input multiplexer, a complete clock
generator, a power-down timer, a power supply monitor, control
logic, and an I2C®-compatible serial interface for configuring the
part and accessing the internal CDC data and status, if required
in the system (see Figure 22).
CAPACITANCE-TO-DIGITAL CONVERTER
Figure 23 shows the CDC simplified functional diagram. The
converter consists of a second-order sigma delta (Σ-Δ), charge
balancing modulator and a third-order digital filter. The
measured capacitance CX is connected between an excitation
source and the Σ-Δ modulator input. The excitation signal is
applied on the CX during the conversion, and the modulator
continuously samples the charge going through the CX. The
digital filter processes the modulator output, which is a stream
of 0s and 1s containing the information in 0 and 1 density. The data
is processed by the adaptive threshold engine and output compara-
tors; the data can be also read through the serial interface.
The AD7150 is designed for floating capacitive sensors.
Therefore, both CX plates have to be isolated from ground or
any other fixed potential node in the system.
The AD7150 features slew rate limiting on the excitation voltage
output, which decreases the energy of higher harmonics on the
excitation signal and dramatically improves the system
electromagnetic compatibility (EMC).
DIGITAL
FILTER
0x000 TO 0xFFF
DATA
CLOCK
GENERATOR
CAPACITANCE TO DIGITAL CONVERTER
(CDC)
CIN
CX
0pF TO 4pF
EXC
EXCITATION
Σ-∆
MODULATOR
Figure 23. CDC Simplified Block Diagram
CAPDAC
The AD7150 CDC core maximum full-scale input range is 4 pF.
However, the part can accept a higher capacitance on the input,
and the offset (nonchanging component) capacitance of up to
10 pF can be balanced by a programmable on-chip CAPDAC.
0x000 TO 0xFFF
DATA
CIN
EXC
CAPDAC
10pF
0pF TO 4pF
CX
10pF TO 14pF
Figure 24. Using CAPDAC
The CAPDAC can be understood as a negative capacitance
connected internally to the CIN pin. The CAPDAC has a 6-bit
resolution and a monotonic transfer function. Figure 24 shows
how to use the CAPDAC to shift the CDC 4 pF input range to
measure capacitance between 10 pF and 14 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com