Electronic Components Datasheet Search
  English  ▼

X  

ADM1064 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1064
Description  Super Sequencer with Voltage Readback ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1064 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1064 Datasheet HTML 18Page - Analog Devices ADM1064 Datasheet HTML 19Page - Analog Devices ADM1064 Datasheet HTML 20Page - Analog Devices ADM1064 Datasheet HTML 21Page - Analog Devices ADM1064 Datasheet HTML 22Page - Analog Devices ADM1064 Datasheet HTML 23Page - Analog Devices ADM1064 Datasheet HTML 24Page - Analog Devices ADM1064 Datasheet HTML 25Page - Analog Devices ADM1064 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADM1064
Data Sheet
Rev. E | Page 22 of 31
VOLTAGE READBACK
The ADM1064 has an on-board 12-bit accurate ADC for
voltage readback over the SMBus. The ADC has a 12-channel
analog mux on the front end. The 12 channels consist of the
10 SFD inputs (VH, VPx, and VXx) and two auxiliary (single-
ended) ADC inputs (AUX1 and AUX2). Any or all of these
inputs can be selected to be read, in turn, by the ADC. The
circuit controlling this operation is called the ADC round-
robin. This circuit can be selected to run through its loop of
conversions once or continuously. Averaging is also provided
for each channel. In this case, the ADC round-robin runs through
its loop of conversions 16 times before returning a result for each
channel. At the end of this cycle, the results are written to the
output registers.
The ADC samples single-sided inputs with respect to the
AGND pin. A 0 V input gives out Code 0, and an input equal to
the voltage on REFIN gives out full code (4095 decimal).
The inputs to the ADC come directly from the VXx pins and
from the back of the input attenuators on the VPx and VH pins,
as shown in Figure 27 and Figure 28.
VXx
2.048V VREF
NO ATTENUATION
12-BIT
ADC
DIGITIZED
VOLTAGE
READING
Figure 27. ADC Reading on VXx Pins
2.048V VREF
ATTENUATION NETWORK
(DEPENDS ON RANGE SELECTED)
12-BIT
ADC
DIGITIZED
VOLTAGE
READING
VPx/VH
Figure 28. ADC Reading on VPx/VH Pins
The voltage at the input pin can be derived from the following
equation:
V =
4095
Code
ADC
× Attenuation Factor × VREFIN
where VREFIN = 2.048 V when the internal reference is used (that
is, the REFIN pin is connected to the REFOUT pin).
The ADC input voltage ranges for the SFD input ranges are
listed in Table 9.
Table 9. ADC Input Voltage Ranges
SFD Input
Range (V)
Attenuation Factor
ADC Input Voltage
Range (V)
0.573 to 1.375
1
0 to 2.048
1.25 to 3.00
2.181
0 to 4.46
2.5 to 6.0
4.363
0 to 6.01
6.0 to 14.4
10.472
0 to 14.41
1 The upper limit is the absolute maximum allowed voltage on the VPx and
VH pins.
The typical way to supply the reference to the ADC on the
REFIN pin is to connect the REFOUT pin to the REFIN pin.
REFOUT provides a 2.048 V reference. As such, the supervising
range covers less than half the normal ADC range. It is possible,
however, to provide the ADC with a more accurate external
reference for improved readback accuracy.
Supplies can also be connected to the input pins purely for ADC
readback, even though these pins may go above the expected
supervisory range limits (but not above the absolute maximum
ratings on these pins). For example, a 1.5 V supply connected to
the VX1 pin can be correctly read out as an ADC code of approxi-
mately 3/4 full scale, but it always sits above any supervisory limits
that can be set on that pin. The maximum setting for the
REFIN pin is 2.048 V.
SUPPLY SUPERVISION WITH THE ADC
In addition to the readback capability, another level of supervi-
sion is provided by the on-chip, 12-bit ADC. The ADM1064 has
limit registers with which the user can program a maximum or
minimum allowable threshold. Exceeding the threshold generates
a warning that can either be read back from the status registers
or input into the SE to determine what sequencing action the
ADM1064 should take. Only one register is provided for each
input channel. Therefore, either an undervoltage threshold or
overvoltage threshold (but not both) can be set for a given channel.
The ADC round-robin can be enabled via an SMBus write, or it
can be programmed to turn on in any state in the SE program.
For example, it can be set to start after a power-up sequence is
complete, and all supplies are known to be within expected
tolerance limits.
Note that a latency is built into this supervision, dictated by the
conversion time of the ADC. With all 12 channels selected, the
total time for the round-robin operation (averaging off) is
approximately 6 ms (500 μs per channel selected). Supervision
using the ADC, therefore, does not provide the same real-time
response as the SFDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com