Electronic Components Datasheet Search
  English  ▼

X  

ADM1064 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1064
Description  Super Sequencer with Voltage Readback ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1064 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1064 Datasheet HTML 19Page - Analog Devices ADM1064 Datasheet HTML 20Page - Analog Devices ADM1064 Datasheet HTML 21Page - Analog Devices ADM1064 Datasheet HTML 22Page - Analog Devices ADM1064 Datasheet HTML 23Page - Analog Devices ADM1064 Datasheet HTML 24Page - Analog Devices ADM1064 Datasheet HTML 25Page - Analog Devices ADM1064 Datasheet HTML 26Page - Analog Devices ADM1064 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADM1064
Rev. E | Page 23 of 31
APPLICATIONS DIAGRAM
3.3V OUT
3.3V OUT
VH
PDO8
PDO9
SYSTEM RESET
PDO7
SIGNAL VALID
PDO6
PWRGD
PDO2
PDO1
PDO5
PDO4
PDO3
EN
OUT
DC-TO-DC1
IN
3.3V OUT
3V OUT
5V OUT
12V OUT
EN
OUT
DC-TO-DC2
IN
2.5V OUT
EN
OUT
DC-TO-DC3
IN
EN
OUT
LDO
IN
1.8V OUT
0.9V OUT
1.2V OUT
5V OUT
12V IN
5V IN
3V IN
VP1
3V OUT
VP2
3.3V OUT
VP3
2.5V OUT
VP4
1.8V OUT
VX1
1.2V OUT
VX2
0.9V OUT
VX3
POWRON
VX4
VX5
10µF
REFIN
10µF
VCCP
10µF
VDDCAP GND
PDO10
ADM1064
REFOUT
RESET
EN
OUT
DC-TO-DC4
IN
Figure 29. Applications Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com