Electronic Components Datasheet Search
  English  ▼

X  

UG-866 Datasheet(PDF) 13 Page - Analog Devices

Part # UG-866
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-866 Datasheet(HTML) 13 Page - Analog Devices

Back Button UG-866 Datasheet HTML 9Page - Analog Devices UG-866 Datasheet HTML 10Page - Analog Devices UG-866 Datasheet HTML 11Page - Analog Devices UG-866 Datasheet HTML 12Page - Analog Devices UG-866 Datasheet HTML 13Page - Analog Devices UG-866 Datasheet HTML 14Page - Analog Devices UG-866 Datasheet HTML 15Page - Analog Devices UG-866 Datasheet HTML 16Page - Analog Devices UG-866 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 13 of 28
PC
SDP-S
ADAPTOR
BOARD
POWER
SUPPLY
+5V
BLOCKING
CAPACITOR
20dB
FIXED ATTENUATOR
DELAY
CABLES
OSCILLOSCOPE/
SPECTRUM ANALYZER
POWER
SUPPLY
+9V
–9V
Figure 8. Typical Evaluation Setup with Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com