Electronic Components Datasheet Search
  English  ▼

X  

UG-866 Datasheet(PDF) 16 Page - Analog Devices

Part # UG-866
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-866 Datasheet(HTML) 16 Page - Analog Devices

Back Button UG-866 Datasheet HTML 12Page - Analog Devices UG-866 Datasheet HTML 13Page - Analog Devices UG-866 Datasheet HTML 14Page - Analog Devices UG-866 Datasheet HTML 15Page - Analog Devices UG-866 Datasheet HTML 16Page - Analog Devices UG-866 Datasheet HTML 17Page - Analog Devices UG-866 Datasheet HTML 18Page - Analog Devices UG-866 Datasheet HTML 19Page - Analog Devices UG-866 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 16 of 28
5.1K
ADF4159CCPZ
1000PF
1000PF
U2
C19
C17
R17
AGND
MUXOUT
RFINB
CE
TXDATA
LE
DATA
AVDD
DVDD
VP
REFIN
RFINA
CLK
CP
12
21
20
23
4
5
9
17
16
15
24
14
13
CP
RSET
SW2
SW1
MUXOUT
LE
DATA
CLK
CE
TXDATA
REFIN
RFINA
RFINB
IN
IN
IN
IN
IN
IN
IN
IN
AGND
AGND
AGND
AGND
AGND
OUT
OUT
Figure 11. Evaluation Board Schematic (Page 2)
0
TBD0805
R19
R20
VTUNE
CPOUT
IN
AGND
OUT
Figure 12. Evaluation Board Schematic (Page 3)
ADF5901
5.1K
1000PF
GEN_LFCSP32-5X5-PAD3_1X3_1B
1000PF
TP31
TP30
TP29
R22
C2
C1
ADF5901
VREG
VCO_AHI
AGND
TX_OUT2
TX_AHI
AGND
AGND
DATA
TX_AHI
C1
AHI
VREG
C2
TX_OUT1
DOUT
LE
CLK
CE
AGND
AGND
REFIN
AHI
1
1
1
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
IO
IO
IN
OUT
IN
OUT
OUT
IN
IN
IN
Figure 13. Evaluation Board Schematic (Page 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com