Electronic Components Datasheet Search
  English  ▼

X  

OSZ4 Datasheet(PDF) 2 Page - ABB

Part # OSZ4
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSZ4 Datasheet(HTML) 2 Page - ABB

  OSZ4 Datasheet HTML 1Page - ABB OSZ4 Datasheet HTML 2Page - ABB OSZ4 Datasheet HTML 3Page - ABB OSZ4 Datasheet HTML 4Page - ABB OSZ4 Datasheet HTML 5Page - ABB OSZ4 Datasheet HTML 6Page - ABB OSZ4 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Please consult for 6/8-pole solutions, snap-on poles for door-mount disconnects and change-over solutions
UL 98 rotary style disconnects, 30…100 A
1 Snap‐on poles
OT30...60
OTPS60FP
4th pole
OTPL60FP
Late‐break/Early‐make
OTPN60FP
Solid neutral 
OTPD60FP
Detachable  neutral
OTPE60FP
Ground terminal
OT100
OTPS125FP
4th pole
OTPL125FP
Late‐break/Early‐make
OTPN125FP
Solid neutral 
OTPD125FP
Detachable neutral
OTPE125FP
Ground terminal
3 Auxiliaries
OT30...100
OA1G01
1 N.C.1)
OA1G10
1 N.O.2)
OA2G11
1 N.O. & 1 N.C.3)
1) Left‐side mounting only 
2) Right‐side mounting only 
3) Cannot be mounted on snap‐on poles
5 Terminal shrouds7)
OT30...100
OTS125T3
1 pc for 3 terminals
OTS125T1
1 pc for 1 snap‐on pole
7) OT30...100 switches are IP20 touchsafe, shrouds provide extra protection
4 Shafts 
Shaft length
For selector 
handles
OT30...100
OXS6X85
3.3''/85 mm
OXS6X105
4.1''/105 mm
OXS6X120
4.7''/120 mm
OXS6X130
5.1''/130 mm
OXS6X180
7.1''/180 mm
OXS6X250
9.8''/250 mm
For pistol 
handles
OT30...100
OXP6X130
5.2''/130 mm
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
6 Handles for door‐mount disconnects 8)
OT30...100_T9)
OHBS2RJ
Black; Nema 3R, 12; Padlockable
8) Red/yellow versions by substituting OHB with OHY 
9) Screw mounting
2 Handles4)
NEMA type; Length; Details
Selector type 
OT30...100
OHBS2AJ1
3R,12; Padlockable
OHBS2AJ
3R,12; Padlockable; Defeatable
Pistol type5) 
OT30...100
OHB65J6
3R,12; 65 mm
OHB65L6
4,4X; 65 mm
OHB65J6EH
3R,12; 65 mm; Stainless steel hasp
OHB65L6EH
4,4X; 65 mm; Stainless steel hasp
OHM65L6
4,4X; 65 mm; Stainless steel
Direct6) 
OT30...100
OHBS2
Black; Padlockable
4) Red/yellow versions by substituting OHB with OHY 
5) All defeatable & padlockable with 3 locks 
6) No shaft needed; Red version OHRS2
03/10/2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com