Electronic Components Datasheet Search
  English  ▼

X  

OSZ4 Datasheet(PDF) 7 Page - ABB

Part # OSZ4
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSZ4 Datasheet(HTML) 7 Page - ABB

  OSZ4 Datasheet HTML 1Page - ABB OSZ4 Datasheet HTML 2Page - ABB OSZ4 Datasheet HTML 3Page - ABB OSZ4 Datasheet HTML 4Page - ABB OSZ4 Datasheet HTML 5Page - ABB OSZ4 Datasheet HTML 6Page - ABB OSZ4 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Please consult for any additional accessories
UL 98 manual double-throw disconnects, 200…800 A
1 Shafts 
Length1)
OT200U_C
OXP6X130
5.2''/130 mm
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
OT400...800U_C
OXP12X280
11.0''/280mm
OXP12X325
12.8''/325 mm
OXP12X395
15.6''/395 mm
OXP12X465
18.3''/465 mm
OXP12X535
21.1''/535 mm
1) Installation depth allows some adjustment  
Shafts may also be cut to needed length 
2 Pistol type handles2)
Length; NEMA type
OT200U_C
OHB65J6E011
2.6''/65mm; 3R,12
OHB80J6E011
3.1''/80mm; 3R,12
OHB65L6E011
2.6''/65mm; 4,4X
OHB80L6E011
3.1''/80mm; 4,4X
OT400...800U_C
OHB145J12E011
5.7''/145mm; 3R,12
OHB175J12E011
6.9''/175mm; 3R,12
OHB200J12PE0113)
7.9''/200mm; 3R,12
OHB274J12E011
10.8''/274mm; 3R,12
OHB145L12E011
5.7''/145mm; 4,4X
OHB175L12E011
6.9''/175mm; 4,4X
OHB274L12E011
10.8''/274mm; 4,4X
2) Red/yellow versions by substituting OHB to OHY 
All handles defeatable and padlockable with 3 locks
3) T‐handle 
3 Direct mount handles4)
OT200U_C
OTV250ECK
OT400U_C
OTV400ECK
OT600U_C
OTV800ECK
OT800U_C
OTV1000ECK
4) Shaft included, padlockable with 3 locks
4 Auxiliaries5)
OT200...800U_C
OA1G10
1 N.O.
OA3G01
1 N.C.
5) Up to 8 pcs mount on right side of disconnects
6 Bridging bars6)
OT200U_C
OTZC13
3 bars
OT400U_C
OTZC23
OT600U_C
OTZC33
OT800U_C
OTZC53
6) Bars can be used to parallel disconnect input or output
7 Terminal shrouds
OT200U_C
OTS250G1L/3
3 pcs for 3 terminals
OT400U_C
OTS400G1L/37)
3 pcs for 3 terminals
OT600U_C
OTS800G1L/37)
3 pcs for 3 terminals
OT800U_C
OTS1600G1L/37)
3 pcs for 3 terminals
7) Not to be used with OZXA_ lugs
5 Terminal lugs
OT200U_C
OZXA‐200/9
9 lugs
OT400U_C
OZXA‐400/9
OT600U_C
OZXA‐800/9
OT800U_C
OZXA‐1200/9
03/10/2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com