Electronic Components Datasheet Search
  English  ▼

X  

MS4012D Datasheet(PDF) 25 Page - Positronic.

Part # MS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

MS4012D Datasheet(HTML) 25 Page - Positronic.

Back Button MS4012D Datasheet HTML 21Page - Positronic. MS4012D Datasheet HTML 22Page - Positronic. MS4012D Datasheet HTML 23Page - Positronic. MS4012D Datasheet HTML 24Page - Positronic. MS4012D Datasheet HTML 25Page - Positronic. MS4012D Datasheet HTML 26Page - Positronic. MS4012D Datasheet HTML 27Page - Positronic. MS4012D Datasheet HTML 28Page - Positronic. MS4012D Datasheet HTML 29Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
1.250 [31.75] TYP.
0.055 [1.38] TYP.
0.056 [1.42]
0.112 [2.84]
0.109 [2.77] TYP.
0.618 [15.70] TYP.
0.893 [22.68] TYP.
1.250 [31.75] TYP.
0.618 [15.70]
0.055 [1.38] TYP.
0.112 [2.84]
0.109 [2.77] TYP.
0.893 [22.68] TYP.
1.250 [31.75]TYP.
0.055 [1.38] TYP.
0.109 [2.77] TYP.
0.893 [22.68] TYP.
1.203 [30.56] TYP.
0.109 [2.77] TYP.
0.270 [6.86] TYP.
0.075 [1.91]
0.374 [9.50]
0.112 [2.84]
0.056 [1.42]
0.056 [1.42]
0.055 [1.38] TYP.
0.109 [2.77] TYP.
0.112 [2.84]
0.112 [2.84]
0.540 [13.72]
0.810 [20.57]
1.203 [30.56] TYP.
0.055 [1.38] TYP.
1.203 [30.56] TYP.
0.109 [2.77] TYP.
0.810 [20.57]
0.112 [2.84]
0.112 [2.84]
0.075 [1.91]
0.270 [6.86]
0.540 [13.72]
1.203 [30.56] TYP.
0.374 [9.50]
0.112 [2.84] TYP.
0.075 [1.91]
0.075 [1.91]
0.810 [20.57] TYP.
0.100 [2.54]
0.200 [5.08]
0.100 [2.54]
0.200 [5.08]
0.200 [5.08]
0.100 [2.54]
0.100 [2.54]
0.200 [5.08]
0.100 [2.54]
0.200 [5.08]
0.200 [5.08]
0.100 [2.54]
0.150 [3.81]
0.150 [3.81]
0.131 [3.33]
0.100 [2.54]
0.200 [5.08]
0.131 [3.33]
0.131 [3.33]
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONTACT HOLE PATTERN
WITH FRT4201D AND MRT4201D SHIELDED CONTACTS
HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR.
MOUNT CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROWS.
27W2
*1 43W2
*1 47W1
*1 24W7
*1 36W4
21WA4
25W3
*1 NOTE:
Shell size 5 connectors are supplied inverted when
ordered with right angle (90°) printed board mount
shielded contacts.
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.045 [1.14] Ø hole for signal contact termination position.
Suggest 0.123±0.003 [3.12] Ø hole for mounting connector with push-on fasteners.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
19
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com