Electronic Components Datasheet Search
  English  ▼

X  

MS4012D Datasheet(PDF) 69 Page - Positronic.

Part # MS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

MS4012D Datasheet(HTML) 69 Page - Positronic.

Back Button MS4012D Datasheet HTML 65Page - Positronic. MS4012D Datasheet HTML 66Page - Positronic. MS4012D Datasheet HTML 67Page - Positronic. MS4012D Datasheet HTML 68Page - Positronic. MS4012D Datasheet HTML 69Page - Positronic. MS4012D Datasheet HTML 70Page - Positronic. MS4012D Datasheet HTML 71Page - Positronic. MS4012D Datasheet HTML 72Page - Positronic. MS4012D Datasheet HTML 73Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
0.179 [4.55]
0.843 [21.41]
Ø0.066
[1.68]
Ø0.045
[1.14]
0.179 [4.55]
0.853 [21.67]
Ø0.066
[1.68]
Ø0.045
[1.14]
Ø0.030
[0.76]
Crimp area extends above connector molding.
MALE CONTACT
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
FC8020D2
20 [0.5] max
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
MC8020D
20 [0.5] max
Note: Connectors can be kitted with
all applicable crimp contacts,
contact Technical Sales for
connector part number.
* Color Code
0.150 [3.81]
Ø0.030
[0.76]
0.150 [3.81]
* Color Code
0.520 [13.21]
Ø0.047
[1.19]
Ø0.035
[0.89]
0.531 [13.49]
Ø0.047
[1.19]
Ø0.035
[0.89]
For more information on the availability
of Type J thermocouple contacts,
please contact Technical Sales.
For more information about
thermocouple contacts with PCB solder
termination, please contact Technical
Sales.
Chromel® and Alumel® are registered trademarks
of Hoskins Manufacturing Company
TYPE
MATERIAL
FEMALE
PART NUMBER
MALE
PART NUMBER
COLOR
CODE*
WIRE SIZE
AWG [mm2]
K
CHROMEL (+)
FC8022D2CH
MC8022DCH
WHITE
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
ALUMEL (-)
FC8022D2AL
MC8022DAL
GREEN
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
T
COPPER (+)
with gold flash
FC8022D2CU
MC8022DCU
RED
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
CONSTANTAN (-)
FC8022D2CO
MC8022DCO
YELLOW
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
E
CHROMEL (+)
FC8022D2CH
MC8022DCH
WHITE
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
CONSTANTAN (-)
FC8022D2CO
MC8022DCO
YELLOW
22 / 24 / 26
[ 0.3 / 0.25 / 0.12]
MALE CONTACT
REMOVABLE THERMOCOUPLE SIGNAL CRIMP SIGNAL CONTACT
FOR USE WITH CBCD SERIES CONNECTORS
SIZE 22
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
The crimp area of these contacts is not
protected when fully seated in the connector
molding. These contacts require shrink tubing
after installation. These contact cannot be
removed from connector after installation.
Not suitable for fully loaded connector.
CRIMP SIGNAL CONTACT
FOR USE WITH CBCD SERIES CONNECTORS
CONTACTS USED WITH 20 AWG WIRE
SIZE 22
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.
71
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com