Electronic Components Datasheet Search
  English  ▼

X  

FS4102D Datasheet(PDF) 26 Page - Positronic.

Part # FS4102D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4102D Datasheet(HTML) 26 Page - Positronic.

Back Button FS4102D Datasheet HTML 22Page - Positronic. FS4102D Datasheet HTML 23Page - Positronic. FS4102D Datasheet HTML 24Page - Positronic. FS4102D Datasheet HTML 25Page - Positronic. FS4102D Datasheet HTML 26Page - Positronic. FS4102D Datasheet HTML 27Page - Positronic. FS4102D Datasheet HTML 28Page - Positronic. FS4102D Datasheet HTML 29Page - Positronic. FS4102D Datasheet HTML 30Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
Screw, 4-40
0.045 [1.14]
0.225 [5.72] max.
0.225 [5.72]
Swaged spacer
Fixed female jackscrews
0.265 [6.73]
customer supplied
with 4-40 threads
thread length in
mounting spacer
TEMPERATURE RISE (ºC)
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
TYPICAL PART NUMBER:
CBD17W2M93S0T20
Test conducted in accordance with UL1977.
All power contacts under load.
Curve developed using CBD8W8M00000 and CBD8W8F93S000
connectors with MC4008D contacts terminated to 8 AWG wire.
COMPLIANT PRESS-FIT CONNECTOR
CODE 93
TEMPERATURE RISE CURVE
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.123 [3.12] Ø hole for connector mounting holes.
NOTE: For suggested printed board recommended drill hole sizes, plating and fin-
ished hole sizes for compliant contact termination positions, see page 85.
For press-fit connector installation tools, see page 86.
FOR STRAIGHT PRINTED BOARD
CONTACT HOLE PATTERNS,
SEE PAGES 11 AND 12.
Positronic recommends the practice of using mounting hardware to secure connector to printed circuit board.
20
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com