Electronic Components Datasheet Search
  English  ▼

X  

FS4102D Datasheet(PDF) 68 Page - Positronic.

Part # FS4102D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4102D Datasheet(HTML) 68 Page - Positronic.

Back Button FS4102D Datasheet HTML 64Page - Positronic. FS4102D Datasheet HTML 65Page - Positronic. FS4102D Datasheet HTML 66Page - Positronic. FS4102D Datasheet HTML 67Page - Positronic. FS4102D Datasheet HTML 68Page - Positronic. FS4102D Datasheet HTML 69Page - Positronic. FS4102D Datasheet HTML 70Page - Positronic. FS4102D Datasheet HTML 71Page - Positronic. FS4102D Datasheet HTML 72Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH CBCD SERIES CONNECTORS
SIZE 22
0.150 [3.81]
Ø0.030
[0.76]
0.150 [3.81]
0.520 [13.21]
Ø0.047
[1.19]
Ø0.035
[0.89]
0.531 [13.49]
Ø0.047
[1.19]
Ø0.035
[0.89]
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
MC8022D
22 / 24 / 26 / 28 / 30
[0.3/0.25/0.12/0.08/0.05]
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
FC8022D2
22 / 24 / 26 / 28 / 30
[0.3/0.25/0.12/0.08/0.05]
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH CBCD SERIES CONNECTORS
SIZE 22
QUALIFIED TO AS39029
* Color Code
0.150 [3.81]
Ø0.030
[0.76]
0.150 [3.81]
* Color Code
0.518 [13.16]
Ø0.047
[1.19]
Ø0.035
[0.89]
0.531 [13.49]
Ø0.047
[1.19]
Ø0.035
[0.89]
Stainless Steel
Shroud
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
*M39029/58-360
22 / 24 / 26 / 28
[0.3/0.25/0.12/0.08]
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
*M39029/57-354
22 / 24 / 26 / 28
[0.3/0.25/0.12/0.08]
Positronic is qualified to supply the legacy design, as well as, the
PosiBand design. If the requirement is for the PosiBand design
exclusively, notify sales at time of quotation for order placement
when requesting M39029 contacts.
*MILITARY
SPECIFICATION CONTACTS
STANDARD FINISH:
per AS39029 specifications
COLOR CODE:
MALE CONTACT:
ORANGE/BLUE/BLACK
FEMALE CONTACT:
ORANGE/GREEN/YELLOW
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
70
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com