Electronic Components Datasheet Search
  English  ▼

X  

OPTIME1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OPTIME1
Description  Headband
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPTIME1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OPTIME1 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 9Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Optime I is very versatile protection, characterised by its lightness. Despite being so lightweight, it’s the best imag-
inable protection. We have combined a low profile with generous inside depth. This makes it easy to team with other
equipment and means that the ear rests comfortably. Optime I is the natural choice when you need to use all-round
protection for both short and long spells. It is first-rate for use in environments with moderate industrial noise, such
as workshops, sheet-metal shops and printing works, but can also be used to good effect outdoors, for instance when
mowing the lawn or in connection with hobby and leisure activities.
Headband H510A
Stainless spring steel. Soft
padded cushion – comfort-
able even during long-term
use.
Neckband H510B
Combines with other protective equip-
ment, such as welding shield.
HY51 Safety kit
Folding headband H510F
Takes little space in toolbox or pocket.
Sealing rings are protected against soil-
ing and damage.
Helmet attachment H510P3
For helmets with slot attachment.
The protector can be set in the working,
airing or park position.
SNR
32 dB
H
25 dB
M
15 dB 27 dB
L
180 g
11.6
18.7
27.5
32.9
33.6
36.1
35.8
4.3
3.6
2.5
2.7
3.4
3.0
3.8
7.3
15.1
25.0
30.1
30.2
33.2
32.0
Frequency 2
Mean att. 3
**
Stand. dev. 4
H510A
APV
Model
125
250
500
1000 2000 4000 8000
SNR
30 dB
H
24 dB
M
15 dB 26 dB
L
165g
10.9
17.1
25.4
31.5
32.6
36.3
34.8
3.5
2.8
1.8
2.6
4.3
3.4
3.6
7.3
14.3
23.6
28.9
28.3
32.9
31.1
Frequency 2
Mean att. 3
**
Stand. dev. 4
H510B
APV
Model
125
250
500
1000 2000 4000 8000
SNR
32 dB
H
25 dB
M
16 dB 28 dB
L
200 g
12.2
18.7
27.1
32.9
35.0
36.5
34.4
3.4
3.2
3.0
2.1
4.0
2.9
3.9
8.7
15.5
24.1
30.8
31.0
33.6
30.6
Frequency 2
Mean att. 3
**
Stand. dev. 4
H510F
APV
Model
125
250
500
1000 2000 4000 8000
SNR
32 dB
H
23 dB
M
15 dB 26 dB
L
205 g
11.2
13.4
26.9
33.9
32.0
33.5
36.9
2.0
1.9
1.8
1.9
2.4
1.8
1.8
9.2
11.5
25.1
31.9
29.6
31.7
35.1
Frequency 2
Mean att. 3
**
Stand. dev. 4
H510P3*
APV
Model
125
250
500
1000 2000 4000 8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com