Electronic Components Datasheet Search
  English  ▼

X  

OPTIME1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OPTIME1
Description  Headband
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPTIME1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OPTIME1 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 9Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 10Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 11Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A common reason for neglecting to use proper hearing protection is that the wrong choice was made in the
first place. More sophisticated hearing protection than the situation demands can be perceived as uncom-
fortable and it becomes unnecessarily difficult to understand speech and signals. But how do you know
what’s right for you?
The basic rule is that you must always (100% of the time!) wear hearing protection if you are in an envi-
ronment that has an A-rated noise level of 85 dB. The noise level, in combination with how long you are
exposed to it, determines just how damaging this noise-hazard environment is to your ear. For example, 8
hours of exposure to an 85 dB A-rated noise level delivers the same harmful dose as 15 minutes of expo-
sure to a 100 dB A-rated noise level.
High tones, high volume...
Optime I. Good muffling, especially in the high-frequency range. The nature of this muffling protection permits
extremely good communication potential.
+ lower tones and higher volume...
Optime II. Increased muffling, primarily for lower frequencies. This first-rate muffling, which even covers high fre-
quencies, gives suitable protection in most noise-hazard situations.
+ bass tones and extremely high volume
Optime III. Extra noise muffling for both low and high frequencies, intended for particularly high noise levels. This
protection meets the most stringent muffling demands.
Easy to make
the right choice
AIRPORTS
MINES
MARINE ENGINE ROOMS
PNEUMATIC DRILLS
FORESTRY EQUIPMENT
LOADING EQUIPMENT
CONCRETE INDUSTRY
TEXTILE INDUSTRY
FORGES
ROAD CONSTRUCTION
PNEUMATIC RIVETERS
HEAVY-DUTY TRACTORS
SHEET-METAL SHOPS
GENERAL WORKSHOP EQUIP-
MENT
HAND-HELD ELECTRICAL
EQUIPMENT
COMPACT TRACTORS
LAWNMOWERS
POWER SAW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com