Electronic Components Datasheet Search
  English  ▼

X  

ISR3SAD Datasheet(PDF) 2 Page - APEM

Part # ISR3SAD
Description  Sealed momentary pushbutton switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

ISR3SAD Datasheet(HTML) 2 Page - APEM

  ISR3SAD Datasheet HTML 1Page - APEM ISR3SAD Datasheet HTML 2Page - APEM ISR3SAD Datasheet HTML 3Page - APEM ISR3SAD Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEM
www.apem.com
B-23
IB and IS series
Sealed momentary pushbutton switches
Overview
B
SERIES
IB
Snap-in
IS
Threaded
bushing
Bezel shape
R
Round
Terminals
S
Solder lug
Z1
Quick-connect
2,8 x 0,5 mm
P
Straight PC
Electrical
function
3
Normally open
(NO)
Plunger colour
1
Blue
1/4
Dark blue
2
Black
3
Green
5
Yellow
6
Red
7/1
White
8
Chrome plat.
9
Orange
Contacts
AD
Silver, gold
plated
Finish
00
Black (std)
08
Chrome plated
(IS only)
10
White
Option
104
High Plunger
ABOUT THIS SERIES
On the following pages, you will find successively :
- model structure of switches and options in the same order as in above chart
Dimensions :
first dimensions are in mm while inches are shown as bracketted numbers.
A sealing boot
is available to protect the switches against frost and sand. It is presented at the end of the series and in section H.
Mounting accessories
: Standard hardware supplied : 1 flat seal (IB series)
1 hex nut 14 mm (.551) across flats and 1 flat seal (IS series). The hex nut is presented in section I (part number U166).
Packaging unit
: 50 pieces
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com