Electronic Components Datasheet Search
  English  ▼

X  

ISR3SAD Datasheet(PDF) 3 Page - APEM

Part # ISR3SAD
Description  Sealed momentary pushbutton switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

ISR3SAD Datasheet(HTML) 3 Page - APEM

  ISR3SAD Datasheet HTML 1Page - APEM ISR3SAD Datasheet HTML 2Page - APEM ISR3SAD Datasheet HTML 3Page - APEM ISR3SAD Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B-24
APEM
www.apem.com
IB and IS series
Sealed momentary pushbutton switches
B
Snap-in mounting - solder lugs
Ø12.00
(.472DIA)
(.688DIA)
Ø17.50
(.200)
5.08
0.50
(.019)
2.80
(.110)
EPOXY
MODEL
STRUCTURE
• Nine plunger colours
• Flat plunger top allowing marking
• Antirotation bushing
IBR3SAD
Normally open
Mounting by threaded bushing - solder lugs
Ø12.00x0.75SI
(.472DIAx0.75IS)
Ø12.00
(.472DIA)
Ø17.50
(.688DIA)
(.019)
(.200)
5.08
0.50
(.110)
2.80
EPOXY
➞ Flat
➞ Flat
ISR3SAD
Normally open
PLUNGER COLOUR
1
: blue - 1/4 : dark blue - 2 : black - 3 : green - 5 : yellow - 6 : red - 7/1 : white - 8 : chrome plated - 9 : orange
00
: Black (standard)
08
: Chrome plated (IS series only)
10
: White
BUSHING AND BEZEL FINISH
(.110)
2.80
1.20
(.047)
Panel thickness : 0,8 mm to 1,8 mm
Also available with straight PC : IBR3PAD or quick-connect terminals : IBR3Z1AD
Also available with straight PC : ISR3PAD or quick-connect terminals : ISR3Z1AD
Panel thickness : 1,5 mm to 4 mm
Plunger marking : consult factory.
(.047)
2.80
(.110)
1.20
Solder lug S
(.039)
1.00
Straight P
Quick-connect Z1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com