Electronic Components Datasheet Search
  English  ▼

X  

AD1882 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1882
Description  High Definition Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1882 Datasheet(HTML) 4 Page - Analog Devices

  AD1882 Datasheet HTML 1Page - Analog Devices AD1882 Datasheet HTML 2Page - Analog Devices AD1882 Datasheet HTML 3Page - Analog Devices AD1882 Datasheet HTML 4Page - Analog Devices AD1882 Datasheet HTML 5Page - Analog Devices AD1882 Datasheet HTML 6Page - Analog Devices AD1882 Datasheet HTML 7Page - Analog Devices AD1882 Datasheet HTML 8Page - Analog Devices AD1882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 0
|
Page 4 of 16
|
July 2007
AD1882
AD1882 SPECIFICATIONS
TEST CONDITIONS
PERFORMANCE
GENERAL SPECIFICATIONS
Parameter
Test Condition
Temperature
Digital Supply
Analog Supply
MIC_BIAS_IN (via Low-Pass Filter)
Sample Rate fS
Input Signal (Frequency Sine Wave)
Amplitude for THD + N
Analog Output Pass Band
25°C
3.3 V
3.3 V
5.0 V
48 kHz
1008 Hz
–3.0 dB Full Scale
20 Hz to 20 kHz
DAC
10 k
Ω Output Load: Line Out Tests
32
Ω Output Load: Headphone Tests
ADC
0 dB Gain
Parameter
Min
Typ
Max
Unit
Line Out Drive (10 k
Ω Loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–85
95
95
dB
dB
dB
Headphone Drive (32
Ω Loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–83
95
95
dB
dB
dB
Input Ports (Pin to ADC, Mic Boost = 0 dB)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in Ref to fS A-Weighted)
Signal-to-Noise Ratio
–81
90
90
dB
dB
dB
Table 4. AD1882 General Specifications
Parameter
Min
Typ
Max
Unit
DIGITAL DECIMATION AND INTERPOLATION FILTERS
1
Pass Band – fS (kHz) = 8 ~ 96
0
0.4 f
S
Hz
Pass-Band Ripple– fS (kHz) = 8 ~ 96
±0.005
dB
Stop Band – fS (kHz) = 8 ~ 96
0.6 fS
Hz
Stop-Band Rejection – fS (kHz) = 8 ~ 96
dB
Group Delay – fS (kHz) = 8 ~ 96
+20
–100
1/fS
Group Delay Variation Over Pass Band
0
μs
ANALOG TO DIGITAL CONVERTERS
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)2
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error1
±5mV
ADC Crosstalk
1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–85
dB
Line_In to Other
–100
–80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com