Electronic Components Datasheet Search
  English  ▼

X  

AD1882 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1882
Description  High Definition Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1882 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1882 Datasheet HTML 5Page - Analog Devices AD1882 Datasheet HTML 6Page - Analog Devices AD1882 Datasheet HTML 7Page - Analog Devices AD1882 Datasheet HTML 8Page - Analog Devices AD1882 Datasheet HTML 9Page - Analog Devices AD1882 Datasheet HTML 10Page - Analog Devices AD1882 Datasheet HTML 11Page - Analog Devices AD1882 Datasheet HTML 12Page - Analog Devices AD1882 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1882
Rev. 0
|
Page 9 of 16
|
July 2007
Table 8. AD1882 Pin Descriptions
Mnemonic
Pin No.
Function
Description
DIGITAL INTERFACE
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET
5
6
8
10
11
I
I
I/O
I
I
Link Serial Data Output. AD1882 input stream. Clocked on both edges of the
BIT_CLK.
Link Bit Clock. 24.000 MHz serial data clock.
Link Serial Data Input. AD1882 output stream Clocked only on one edge of BIT_CLK.
Link Frame Sync.
Link Reset. AD1882 master hardware reset
DIGITAL I/O
GPIO_0
GPIO_1/EAPD
S/PDIF_OUT
2
47
48
I/O
I/O
O
General Purpose Input/Output Pin. Digital signal used to control external circuitry.
General Purpose Input/Output Pin/EAPD Pin. Digital signal used to control external
circuitry. Defaults to Hi-Z. When used as EAPD: Hi-Z = amp-on, DVSS = amp off.
S/PDIF_OUT. Supports S/PDIF output.
JACK SENSE AND EAPD
SENSE_A/SRC_B
SENSE_B/SRC_A
13
34
I/O
I/O
JACK SENSE A-D Input/Sense B Drive.
JACK SENSE E-H Input/Sense A Drive.
ANALOG I/O
PCBEEP
PORT-E_L
PORT-E_R
PORT-F_L
PORT-F_R
CD_L
CD_GND
CD_R
PORT-B_L
PORT-B_R
PORT-C_L
PORT-C_R
PORT-D_L
PORT-D_R
PORT-A_L
MONO_OUT
PORT-A_R
PORT-G_L
PORT-G_R
12
14
15
16
17
18
19
20
21
22
23
24
35
36
39
40
41
43
44
LI
LI, MIC, LO, SWAP
LI, MIC, LO, SWAP
I/O
I/O
LI
LI
LI
LI, MIC, HP, LO
LI, MIC, HP, LO
LI, MIC, LO
LI, MIC, LO
LI, HP, LO
LI, HP, LO
LI, MIC, HP, LO
LO
LI, MIC, HP, LO
LO, SWAP
LO, SWAP
Monaural Input from System for Analog PCBeep.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
CD Audio Left Channel.
CD-Audio-Analog-Ground-Reference (for Differential CD Input). Must be connected
to AGND via 0.1 mF capacitor if not in use as CD_GND.
CD Audio Right Channel.
Front Panel Stereo MIC/Line-In.
Front Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Headphone/Line-Out.
Rear Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
Monaural Output to Internal Speaker or Telephony Subsystem Speakerphone.
Front Panel Headphone/Line-Out.
Rear Panel C/LFE Output.
Rear Panel C/LFE Output.
FILTER/REFERENCE
MIC_BIAS-B
MIC_BIAS-C
MIC_BIAS-E
28
29
31
O
O
O
Switchable Microphone Bias. For use with Port B (Pins 21, 22).
Switchable Microphone Bias. For use with Port C (Pins 23, 24).
Switchable Microphone Bias. For use with Port E (Pins 14, 15).
DVCORE
1
O
CAUTION: DO NOT APPLY 3.3 V TO THIS PIN!
Filter connection for internal core voltage regulator.
This pin must be connected to filter caps: 10
μF, 1.0 μF, and 0.1 μF connected in
parallel between Pin 1 and DVSS (Pin 4).
VREF_FLT
27
O
Voltage Reference Filter. This pin must be connected to filter caps: 1.0
μF and 0.1μF
connected in parallel between Pin 27 and AVSS (Pins 26, 42).
The symbols used in this table are defined as: I = Input, O = Output, LI = Line level input, LO = Line level output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier, SWAP = Outputs can swap L/R channels
(typically used to support C/LFE or shared C/LFE function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com