Electronic Components Datasheet Search
  English  ▼

X  

VR1B Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # VR1B
Description  TYPE VR VERTICAL MOUNTING CLAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

VR1B Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  VR1B Datasheet HTML 1Page - Mallory Sonalert Products Inc VR1B Datasheet HTML 2Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
258
Mallory Products for CDE/6325 Digital Way/Indianapolis IN 46278/Phone: (317)275-2285/Fax: (317)275-2293/www.cornell-dubilier.com
Capacitor
Hardware
TYPE VR VERTICAL MOUNTING CLAMP
Assembled
with
Screw & Nut
Unassembled
Screw & Nut
Included
Without
Screw & Nut
Diameter
of Part to be
Mounted
Catalog Number
Dimensions
C
B
A
VR1, 3, & 4
VR6, 8, 10, & 12
NACC VR mounting clamps may
be used to mount any cylindrical
capacitor with a 1" to 3" diameter
that is to be mounted in a vertical
position. Material is 1010 CRS,
commercial grade #4 temper ASI-
scale. Parts are finished with .0001
(nominal) zinc chromate plating.
Use for mounting CG types, PSU,
HC/NP and MPD/MPF types.
Material thickness is .035"
1"
to
1-1/16"
VR1B
VR1
VR1A
1"
1-7/16"
1-7/8*"
1-3/8"
to
1-7/16"
VR3B
VR3
VR3A
1-3/8"
1-25/32"
2-7/32"
1-1/2"
to
1-9/16"
VR4B
VR4
VR4A
1-1/2"
1-15/16"
2-11/32"
1-3/4"
to 1-13/16"
VR6B
VR6
VR6A
1-3/4"
2-1/4"
2-9/16"
2"
to
2-1/16"
VR8B
VR8
VR8A
2"
2-1/2"
2-13/16"
2-1/2"
to
2-9/16"
VR10B
VR10
VR10A
2-1/2"
3"
3-5/16"
3"
to
3-1/8"
VR12B
VR12
VR12A
3"
3-7/16"
3-13/16"
Screw
VRSCREW
—
—
9/16" long 6-32 thread NC-2A
Nut
VRNUT
—
—
Standard hex nut to fit screw
MOUNTING ACCESSORIES FOR PSU AND HC/NP TYPE CAPACITORS
EIA
Case Code
A
B
C*
D
Catalog
Number
Dimensions
Type HB Horzontal Mounting Bracket
1
3-3/8"
1-11/64"
7/8"
1.258
HB2
2-4-6
4-1/64"
1-13/16"
1-1/2"
1-37/64
HB4
3-5-7-8
5-1/64"
2-23/32"
1-25/32"
2-5/64"
HB8
*C dimension = max mounting hole center
Use 10-32" flat head screws
HB brackets are used with
PL or PLA end caps. The
bracket is assembled to the
motor or any suitable sur-
face by two screws in line at
any convenient position
within the center-to-center
dimension (C) shown in the
chart.
Material: .042 spring steel
with black parkerized finish
Type PL and PLA End Caps
EIA
Case Code
Wire Hole
Toward Bracket
Wire Hole
Away From Bracket
Catalog Number
A
Dimension
1-2-3
1-7/16"
PL3
PLA3
4-5
1-13/16"
PL6
PLA6
6-7
2-1/16"
PL8
PLA8
8
2-9/16"
PL10
PLA10
PL and PLA end caps are usu-
ally used with HB type brack-
ets. The drawing shown at left
is type PL for use with the
wiring through the bracket to
the motor. For off motor mount-
ing, use type PLA. See page
214 for a photo showing a ca-
pacitor and end cap mounted
in a bracket.
TYPE TH HORIZONTAL MOUNTING CLIP
Nominal Diameter
of Part to be
Mounted
AB
Catalog
Number
Dimensions
These clips, though designed for
capacitors, have varied applica-
tions to retain many cylindrical com-
ponents. They are used extensively
in the electrical and electronic in-
dustries to hold spindles, condens-
ers, capacitors, tubes, rods and
conduit. Clips have phosphate and
oil finish.
Material thickness TH13 thru TH17
is .016". TH19 thru TH25 is .020"
.375
.250
.470
TH13
.500
.250
.620
TH15
.625
.312
.720
TH17
.750
.312
.890
TH19
.875
.312
1.000
TH21
1.000
.312
1.060
TH23
1.375
.312
1.500
TH25
A
.219
.375
.156
B Mtg.
C
.750
.562
2 Holes
.1561 Dia.
B Mtg
A
C
120
g
.176 x .281
(3 places)
.500
.750
1.125
2 Holes
.201 Dia
A
.375
A
.135 Dia
Hole
B
*
*.340 except TH25 is .590
.594
D
C
A
B


Similar Part No. - VR1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR1B CDE-VR1B Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
Knowles Electronics
VR1B KNOWLES-VR1B Datasheet
260Kb / 3P
Type VR Vertical Mounting Clamp
More results

Similar Description - VR1B

ManufacturerPart #DatasheetDescription
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Diotec Semiconductor
BO2 DIOTEC-BO2 Datasheet
107Kb / 2P
Mounting clamp BO 2
logo
Cornell Dubilier Electr...
VR1B CDE-VR1B Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
List of Unclassifed Man...
115058-14 ETC1-115058-14 Datasheet
262Kb / 3P
Type VR Vertical Mounting Clamp
logo
UMPCO, Inc.
NAS1713 UMPCO-NAS1713 Datasheet
515Kb / 2P
CLAMP, LOOP-CUSHIONED CENTER MOUNTING
S332 UMPCO-S332 Datasheet
135Kb / 1P
CLAMP, LOOPCUSHIONED, 1/2" MOUNTING SCREW
S370 UMPCO-S370 Datasheet
135Kb / 1P
CLAMP, LOOP TYPE, SUPPORT, CUSHIONED FOR #8 OR #10 MOUNTING SCREW
S463 UMPCO-S463 Datasheet
130Kb / 1P
CLAMP, LOOPCUSHSIONED, 1/4" MOUNTING HOLE
S464 UMPCO-S464 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, 3/8" MOUNTING HOLE
logo
Neutrik AG
NXUC-M-15 NEUTRIK-NXUC-M-15 Datasheet
96Kb / 1P
Manfrotto universal TM mounting clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com