Electronic Components Datasheet Search
  English  ▼

X  

VR1B Datasheet(PDF) 2 Page - Mallory Sonalert Products Inc

Part # VR1B
Description  TYPE VR VERTICAL MOUNTING CLAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

VR1B Datasheet(HTML) 2 Page - Mallory Sonalert Products Inc

  VR1B Datasheet HTML 1Page - Mallory Sonalert Products Inc VR1B Datasheet HTML 2Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
259
Mallory Products for CDE/6325 Digital Way/Indianapolis IN 46278/Phone: (317)275-2285/Fax: (317)275-2293/www.cornell-dubilier.com
Capacitor
Hardware
MOUNTING ACCESSORIES FOR AC TYPE CAPACITORS
Type RB Cylindrical Capacitor Mounting Clamp
Catalog
Number
Dimensions
21
1.750
2.500
2.875
RB175
23
2.000
2.750
3.125
RB200
24
2.500
3.250
3.625
RB250
21
1.750
2.500
3.250
RB175A
23
2.000
2.750
3.500
RB200A
24
2.500
3.250
4.000
RB250A
This clamp has a galvanized finish and is designed for use with the round
base style motor run capacitor, types MPF.
Material thickness is .035"
C
B
A
Nominal
Diameter
Base
Style
Type OB Oval Capacitor Mounting Clamp
32
1-5/16"
x
2-5/32"
2-9/16"
OB2
37
1-31/32
x
2-29/32
3-5/16"
OB4
38
1-31/32"
x
3-21/32"
4-1/16"
OB3
Catalog
Number
Base
Style
Base Size
A
Dimensions
This clamp has a galvanized finish and is designed for use with the flat
oval base style AC capacitors, types MPF/MSF.
Material thickness is .036"
For use on capacitor types MPF/MSF, this neoprene terminal insulator,
or 'boot', is used to insulate and protect the terminal area of single section
units only. Material is classified 94V-1 when tested per UL94.
Order catalog number: OC1
Neoprene Terminal Insulator
c
A
B
.750
2 Holes
.187 Dia.
.750
2 Holes
.188 Dia.
A
1.44" iNSIDE
1.125"
.750"
Inside
ACR15KT Motor Start Resistor Kit
15K Ohm 2 watt bleeder resistors for
AC motor start applications. Saves
relay switch contacts and capacitor,
particularly in capacitor start-run
applications. 1/4" quick connect
terminals eliminate need for soldering.
ACR15K:
Pack of 10, 15K Ohm 2 watt bleeder
resistor without quick connect
terminals.
ACR220KT Motor Run Resistor Kit
220K Ohm 1 watt bleeder resistors for
AC motor run applications. Saves
relay switch contacts and capacitor,
particularly in capacitor start-run
applications. 1/4" quick connect
terminals eliminate need for soldering.
ACR220K:
Pack of 10, 220K Ohm 1 watt bleeder
resistor without quick connect
terminals.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com