Electronic Components Datasheet Search
  English  ▼

X  

ADP1763WACPZ-1.0-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1763WACPZ-1.0-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-1.0-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1763WACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
ADP1763
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. E | 6 of 22
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +2.16 V
EN to GND
−0.3 V to +3.96 V
VOUT to GND
−0.3 V to VIN
SENSE to GND
−0.3 V to VIN
VREG to GND
−0.3 V to VIN
REFCAP to GND
−0.3 V to VIN
VADJ to GND
−0.3 V to VIN
SS to GND
−0.3 V to VIN
PG to GND
−0.3 V to +3.96 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Operating Junction Temperature
125°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in combina-
tion. The ADP1763 can be damaged when the junction temperature
limits are exceeded. The use of appropriate thermal management
techniques is recommended to ensure that the maximum junction
temperature does not exceed the limits shown in Table 3.
Use the following equation to calculate the junction temperature
(TJ) from the board temperature (TBOARD) or package top tempera-
ture (TTOP)
TJ = TBOARD + (PD × ΨJB)
TJ = TTOP + (PD × ΨJT)
ΨJB is the junction to board thermal characterization parameter and
ΨJT is the junction to top thermal characterization parameter with
units of °C/W.
ΨJB of the package is based on modeling and calculation using
a 4-layer board. JESD51-12, Guidelines for Reporting and Using
Electronic Package Thermal Information, states that thermal char-
acterization parameters are not the same as thermal resistances.
ΨJB measures the component power flowing through multiple ther-
mal paths rather than a single path as in thermal resistance, θJB.
Therefore, ΨJB thermal paths include convection from the top of the
package as well as radiation from the package, factors that make
ΨJB more useful in real-world applications.
THERMAL RESISTANCE/PARAMETER
Values shown in Table 4 are calculated in compliance with JEDEC
standards for thermal reporting. θJA is the natural convection junc-
tion to ambient thermal resistance measured in a one cubic foot
sealed enclosure. θJC is the junction to case thermal resistance. θJB
is the junction to board thermal resistance. ΨJB is the junction to
board thermal characterization parameter. ΨJT is the junction to top
thermal characterization parameter.
In applications where high maximum power dissipation exists,
close attention to thermal board design is required. Thermal resist-
ance/parameter values may vary, depending on the PCB material,
layout, and environmental conditions.
Table 4. Thermal Resistance/Parameter
Package
Type
θJA
θJB
θJC-T
θJC-B ΨJB
ΨJT
Unit
CP-16-221
50.95
29.31
49.53
8.53
29.31
0.3
°C/W
1 Thermal resistance/parameter simulated values are based on a JEDEC 2S2P
thermal test board for ΨJT, ΨJB, θJA and θJB and a JEDEC 1S0P thermal test
board for θJC with four thermal vias. See JEDEC JESD51-12.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com