Electronic Components Datasheet Search
  English  ▼

X  

ADP1763WACPZ-1.0-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1763WACPZ-1.0-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-1.0-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1763WACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADP1763
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 9 of 22
Figure 10. Shutdown Current (IGND-SD) vs. Junction Temperature (TJ) at
Various Input Voltages (VIN)
Figure 11. Dropout Voltage (VDROPOUT) vs. Load Current (ILOAD), VOUT = 1.3 V
Figure 12. Output Voltage (VOUT) vs. Input Voltage (VIN) (in Dropout),
VOUT = 1.3 V
Figure 13. Ground Current (IGND) vs. Input Voltage (VIN) (in Dropout),
VOUT = 1.3 V
Figure 14. Load Transient Response, COUT = 10 µF, VIN = 1.8 V, VOUT = 1.3 V
Figure 15. Load Transient Response, COUT = 47 µF, VIN = 1.8 V, VOUT = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com