Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 23Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 24Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 25Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 26Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 27Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 28Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4.3 — 22 April 2014
27 of 76
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
In Sleep mode, execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during Sleep mode and may generate
interrupts to cause the processor to resume execution. Sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.
8.20.6.3
Deep-sleep mode
In Deep-sleep mode, the LPC81xM is in Sleep-mode and all peripheral clocks and all
clock sources are off except for the IRC and watchdog oscillator or low-power oscillator if
selected. The IRC output is disabled. In addition all analog blocks are shut down and the
flash is in stand-by mode. In Deep-sleep mode, the application can keep the watchdog
oscillator and the BOD circuit running for self-timed wake-up and BOD protection.
The LPC81xM can wake up from Deep-sleep mode via a reset, digital pins selected as
inputs to the pin interrupt block, a watchdog timer interrupt, or an interrupt from the
USART (if the USART is configured in synchronous slave mode), the SPI, or the I2C
blocks (in slave mode).
Any interrupt used for waking up from Deep-sleep mode must be enabled in one of the
SYSCON wake-up enable registers and the NVIC.
Deep-sleep mode saves power and allows for short wake-up times.
8.20.6.4
Power-down mode
In Power-down mode, the LPC81xM is in Sleep-mode and all peripheral clocks and all
clock sources are off except for watchdog oscillator or low-power oscillator if selected. In
addition all analog blocks and the flash are shut down. In Power-down mode, the
application can keep the watchdog oscillator and the BOD circuit running for self-timed
wake-up and BOD protection.
The LPC81xM can wake up from Power-down mode via a reset, digital pins selected as
inputs to the pin interrupt block, a watchdog timer interrupt, or an interrupt from the
USART (if the USART is configured in synchronous slave mode), the SPI, or the I2C
blocks (in slave mode).
Any interrupt used for waking up from Power-down mode must be enabled in one of the
SYSCON wake-up enable registers and the NVIC.
Power-down mode reduces power consumption compared to Deep-sleep mode at the
expense of longer wake-up times.
8.20.6.5
Deep power-down mode
In Deep power-down mode, power is shut off to the entire chip except for the WAKEUP
pin and the self wake-up timer if enabled. Four general-purpose registers are available to
store information during Deep power-down mode. The LPC81xM can wake up from Deep
power-down mode via the WAKEUP pin, or without an external signal by using the
time-out of the self wake-up timer (see Section 8.18).
The LPC81xM can be prevented from entering Deep power-down mode by setting a lock
bit in the PMU block. Locking out Deep power-down mode enables the application to keep
the watchdog timer or the BOD running at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com