Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4.3 — 22 April 2014
44 of 76
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
Conditions: VDD = 3.3 V and VDD = 1.8 V; standard port pins and high-drive pins PIO0_2, PIO0_3,
PIO0_7, PIO0_12, PIO0_13.
Fig 24. Typical LOW-level output current IOL versus LOW-level output voltage VOL
Conditions: VDD = 3.3 V and VDD = 1.8 V; standard port pins.
Fig 25. Typical HIGH-level output voltage VOH versus HIGH-level output source current
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com