Electronic Components Datasheet Search
  English  ▼

X  

AV22LP402 Datasheet(PDF) 9 Page - APEM

Part # AV22LP402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LP402 Datasheet(HTML) 9 Page - APEM

Back Button AV22LP402 Datasheet HTML 5Page - APEM AV22LP402 Datasheet HTML 6Page - APEM AV22LP402 Datasheet HTML 7Page - APEM AV22LP402 Datasheet HTML 8Page - APEM AV22LP402 Datasheet HTML 9Page - APEM AV22LP402 Datasheet HTML 10Page - APEM AV22LP402 Datasheet HTML 11Page - APEM AV22LP402 Datasheet HTML 12Page - APEM AV22LP402 Datasheet HTML 13Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
B-96
APEM
www.apem.com
AV series
Security pushbutton switches
Bushing Ø 16 (.629) - momentary (NO)
B
Curved actuator w. chamfer
AV0830C900
Curved actuator
AV1630C900
NO
(function 3)
SPECIFICATIONS
• Max. current/voltage rating with resistive load :
200mA 48 VDC - 100mA 48VDC
• Initial contact resistance : 50 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 50.000 cycles at 200mA 48VDC
100.000 cycles at 100mA 48VDC
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 6 mm (.236) max.
• Operating temperature : -30°C to +70°C
• Mechanical life : 1.000.000 cycles
• Packaging unit : 60 pieces
MATERIALS
• Case : PBT
• Contacts : brass, silver plated (C)
• Bushing and actuator : nickel
plated brass (std)
CUT
-OUT
• Panel cut-out :
Ø 16,2 (.637)
• Min. pitch for matrix mounting :
24 mm x 24 mm (.944 x .944)
ORDER FORMAT
Series
Bush./act.
config.
Function
Case
style
Contact
matl.
Term.
type
Bush./act.
material
See ”options” page.
K
Sealing
AV
06
16
08
3
0
C
9
00
Flat actuator - screw terminals - AV06
Hex nut 19 (.748) across flats
(.374)
9.50
1.50
(.059)
(.440)
11.20
(.118)
3.00
(.118)
3.00
AV0630C900
BASIC MODEL
OTHER CONFIGURATIONS
All model numbers below are for switches with standard bushing/actuator material, without marking.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com