Electronic Components Datasheet Search
  English  ▼

X  

AV22LP402 Datasheet(PDF) 14 Page - APEM

Part # AV22LP402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LP402 Datasheet(HTML) 14 Page - APEM

Back Button AV22LP402 Datasheet HTML 10Page - APEM AV22LP402 Datasheet HTML 11Page - APEM AV22LP402 Datasheet HTML 12Page - APEM AV22LP402 Datasheet HTML 13Page - APEM AV22LP402 Datasheet HTML 14Page - APEM AV22LP402 Datasheet HTML 15Page - APEM AV22LP402 Datasheet HTML 16Page - APEM AV22LP402 Datasheet HTML 17Page - APEM AV22LP402 Datasheet HTML 18Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
APEM
www.apem.com
B-101
AV series
Security pushbutton switches
Bushing Ø 22 (.866) - momentary (NO)
B
Short case - flat actuator - AV03100...00
Hex nut 25 (.984) across flats
ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
6.30
(.248)
(.500)
12.70
3.00
(.118)
(.078)
2.00
EPOXY
(.110)
2.80
(.287)
7.30
Screw terminals
AV031003C900
Solder lug /
quick-connect term.
AV031003C200
Long case - flat actuator - UL-CSA approved - AV03000...00
Hex nut 25 (.984) across flats
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
10.00
(.248)
(.590)
15.00
3.00
(.118)
(.078)
2.00
Screw terminals
AV030003A900
NO
(function 3)
SPECIFICATIONS
• Max. current/voltage rating with resistive load (C contacts): 2A 48 VDC
• Approved ratings of models with long case and A contacts (AV..000) :
UL-CSA : 4A 250VAC - 8A 125VAC - 6.000 cycles
• Initial contact resistance : 10 mΩ max. at 1A 2V
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between terminals and frame
2.000 Vrms 50 Hz min. between terminals
• Electrical life : 10.000 cycles at full load
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 11 mm (.433) max.
• Operating temperature : -30°C to +70°C
• Mechanical life : 1.000.000 cycles
• Packaging unit : 20 pieces
MATERIALS
• Case : PBT
• Contacts : brass, silver plated (C)
or silver (A)
• Bushing : brass, nickel plated (std)
• Actuator : brass, nickel plated (std)
CUT
-OUTS
• Panel cut-out :
Ø 22,2 mm (.874)
• Min. pitch for matrix mounting :
30 mm (1.181) x 30 mm (1.181)
ORDER FORMAT
Series
Bush./act.
config.
Case
style
Function Contact
matl.
Term.
type
Bush./act.
material
Marking
AV
Sealing
03
02
M3
M2
100
000
3
C
9
2
K
C
A
00
BASIC MODEL
All model numbers below are for switches with standard bushing/actuator material, without marking.
See ”options” page.
New!
Screw terminals for wires 1,5 mm2 max.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com