Electronic Components Datasheet Search
  English  ▼

X  

SMC Datasheet(PDF) 3 Page - Radiall. All rights reserved.

Part # SMC
Description  STRAIGHT PLUG CRIMP TYPE CABLE 2.6/5075 S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

SMC Datasheet(HTML) 3 Page - Radiall. All rights reserved.

  SMC Datasheet HTML 1Page - Radiall. All rights reserved. SMC Datasheet HTML 2Page - Radiall. All rights reserved. SMC Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
3 / 3
STRAIGHT PLUG CRIMP TYPE
R112.075.000
CABLE 2.6/50+75 S
Series : SMC
Issue : 0430 B
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
Slide the sleeve over the ferrule and heatshrink it in
place (option).
Slide the centre contact on until it bottoms against the
insulator back nut.
Solder or crimp the contact ( see connector TDS ).
1
4
2
5
3
Fan the braid.
Slide the cable into the back nut.
Screw the back nut into the connector body with the
adapted wrench.
Recommended coupling torque 63 to 70 N cm.
6
Slide the ferrule over the braid.
Crimp the ferrule with crimping tool ( see connector
TDS ).
2
4
5
2
1
1
1
1
1
2
3
e
a
c
b
COMPONENTS
Back nut
Body
Ferrule
Centre contact
Heatshrink sleeve
(option)
Insulator
Slide the heatshrink sleeve onto the cable (Option).
Slide the ferrule onto the cable.
Position the ferrule’s hole at the front if soldering.
Position the ferrule’s hole at the back if crimping.
Strip the cable.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com