Electronic Components Datasheet Search
  English  ▼

X  

SMC Datasheet(PDF) 1 Page - Radiall. All rights reserved.

Part # SMC
Description  STRAIGHT PLUG CRIMP TYPE CABLE 2.6/5075 S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

SMC Datasheet(HTML) 1 Page - Radiall. All rights reserved.

  SMC Datasheet HTML 1Page - Radiall. All rights reserved. SMC Datasheet HTML 2Page - Radiall. All rights reserved. SMC Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
1 / 3
STRAIGHT PLUG CRIMP TYPE
R112.075.000
CABLE 2.6/50+75 S
Series : SMC
Issue : 0430 B
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
All dimensions are in mm.
..
pn
ao
COMPONENTS
BODY
CENTER CONTACT
OUTER CONTACT
INSULATOR
GASKET
OTHERS PARTS
-
-
MATERIALS
BRASS
BERYLLIUM COPPER
-
PTFE
-
BRASS
-
-
PLATINGS (
µm)
GOLD 0.2 OVER NICKEL 2
GOLD 1.3 OVER NICKEL 2
-
GOLD 0.2 OVER NICKEL 2
-
-


Similar Part No. - SMC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Formosa MS
SMC FORMOSA-SMC Datasheet
52Kb / 1P
Case No. SMC Device
logo
Diodes Incorporated
SMC DIODES-SMC Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
HolyStone International
SMC HOLYSTONECAPS-SMC Datasheet
237Kb / 3P
Stacked MLCC Capacitors
logo
Leshan Radio Company
SMC LRC-SMC Datasheet
189Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
More results

Similar Description - SMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R113182000 ETC2-R113182000 Datasheet
134Kb / 2P
RIGHT ANGLE PLUG CRIMP TYPE CABLE 2.6/50 S
R125172000W ETC2-R125172000W Datasheet
57Kb / 2P
RIGHT ANGLE PLUG CRIMP OR SOLDER TYPE CABLE 2.6/50 S
R113081000 ETC2-R113081000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE CABLE 2/50 S
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R114187000 ETC2-R114187000 Datasheet
54Kb / 3P
RIGHT ANGLE PLUG CRIMP TYPE CABLE 2.6/50 75 S
logo
Molex Electronics Ltd.
0731000231 MOLEX11-0731000231 Datasheet
30Kb / 1P
75 Ohms, SMB Plug, Straight, Crimp 735A Cable
0733560210 MOLEX11-0733560210 Datasheet
29Kb / 1P
75 Ohms, F Straight Plug, Crimp, RG-179 Cable
0733560210 MOLEX-0733560210_V01 Datasheet
52Kb / 1P
75 Ohms, F Straight Plug, Crimp, RG-179 Cable
logo
List of Unclassifed Man...
96-1000-009 ETC-96-1000-009 Datasheet
152Kb / 2P
STRAIGHT PLUG FULL CRIMP-TYPE CABLE 2.6/50 S
20/05/1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com