Electronic Components Datasheet Search
  English  ▼

X  

IL700 Datasheet(PDF) 3 Page - NVE Corporation

Part # IL700
Description  IL700-Series Isolator Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL700 Datasheet(HTML) 3 Page - NVE Corporation

  IL700 Datasheet HTML 1Page - NVE Corporation IL700 Datasheet HTML 2Page - NVE Corporation IL700 Datasheet HTML 3Page - NVE Corporation IL700 Datasheet HTML 4Page - NVE Corporation IL700 Datasheet HTML 5Page - NVE Corporation IL700 Datasheet HTML 6Page - NVE Corporation IL700 Datasheet HTML 7Page - NVE Corporation IL700 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Application Information
NVE Corporation
(952) 829-9217
iso-apps@nve.com
www.IsoLoop.com
www.nve.com
Why Isolate?
Isolation reduces noise, eliminates ground loops, and improves safety.
Applications
Popular IL700/IL200 applications include multiplexed data transmission, board-to-board
communication, serial communications, and logic-level shifting.
Board Layout Speed Limitations
Circuit board traces should be as short as possible with a minimum of vias for best
performance. Since the evaluation board was designed for ease of use and with test points, it
may not provide maximum speed.
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits in the datasheet.
However, all integrated circuits and boards should be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.
Electromagnetic Compatibility
IsoLoop Isolators have the lowest EMC footprint of any isolation technology. IsoLoop
Isolators’ Wheatstone bridge configuration and differential magnetic field signaling ensure
excellent EMC performance against all relevant standards. These isolators are fully compliant
with generic EMC standards EN50081, EN50082-1 and the umbrella line-voltage standard for
Information Technology Equipment (ITE) EN61000.
Power Supply Decoupling and Ground Planes
As shown on this board, both isolator power supplies should be decoupled with low-ESR
47 nF ceramic capacitors. Bypass capacitors should be as close as possible to the VDD pins.
Ground planes for both GND1 and GND2 are recommended for data rates above 10 Mbps.
Signal Status on Start-up and Shut Down
To minimize power dissipation, IL700 input signals are differentiated and then latched on the
output side of the isolation barrier to reconstruct the signal. This could result in an ambiguous
output state depending on power up, shutdown and power loss sequencing. Therefore, the
designer should consider including an initialization signal in the start-up circuit. Initialization
consists of toggling the input either high then low, or low then high.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com