Electronic Components Datasheet Search
  English  ▼

X  

IL700 Datasheet(PDF) 7 Page - NVE Corporation

Part # IL700
Description  IL700-Series Isolator Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL700 Datasheet(HTML) 7 Page - NVE Corporation

  IL700 Datasheet HTML 1Page - NVE Corporation IL700 Datasheet HTML 2Page - NVE Corporation IL700 Datasheet HTML 3Page - NVE Corporation IL700 Datasheet HTML 4Page - NVE Corporation IL700 Datasheet HTML 5Page - NVE Corporation IL700 Datasheet HTML 6Page - NVE Corporation IL700 Datasheet HTML 7Page - NVE Corporation IL700 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Parameters
Min.
Typ.
Max.
Units
Data Rate (S-Series)
100 (130)
110 (150)
Mbps
PWD (S-Series)
3 (0.3)
3
ns
Propagation Delay
10
15
ns
Propagation Delay Skew
4
6
ns
Pulse Jitter
100
ps
Quiescent Current
1.5
2
mA/ch
Transient Immunity
20
30
kV/μs
Temperature Range (T-Series)
–40
+100 (+125)
°C
IL200 Series
–40
+85
°C
IL700/IL200 Series High-Performance Isolators
NVE Corporation
(952) 829-9217
iso-apps@nve.com
www.IsoLoop.com
www.IsoLoop.com
Features:
• IL200 Series
Five channels per package
• IL700-1 Series
World’s smallest isolators (MSOP-8)
• IL700S Series
Fastest (150 Mbps)
and lowest PWD (300 ps)
• IL700T Series
Highest operating temperature
(125°C with no derating)
OUT
1
V
OE
IN
1
IL710
OUT
1
OUT
2
OUT
3
OUT
4
OUT
5
IN
1
IN
2
IN
3
IN
4
IN
5
IL260
IN
1
IN
2
IN
3
IN
4
OUT
5
IN
5
OUT
1
OUT
2
OUT
3
OUT
4
IL261
IL711
IL712
IN
1
IN
2
OUT
1
OUT
2
OUT
1
IN
2
OUT
2
IN
1
IL721
IN
1
OUT
2
IN
2
OUT
1
IL717
OUT
1
OUT
2
OUT
3
IN
4
IN
1
IN
2
IN
3
OUT
4
IL715
OUT
1
OUT
2
OUT
3
OUT
4
IN
1
IN
2
IN
3
IN
4
IL716
IN
1
IN
2
OUT
3
OUT
4
OUT
1
OUT
2
IN
3
IN
4
IN
1
IN
2
IN
3
OUT
4
OUT
5
IN
5
OUT
1
OUT
2
OUT
3
IN
4
IL262



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com