Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 3 Page - IDEC Corporation

Part # RF1V
Description  Enables flexible construction of safety circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 3 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RF1VForce Guided Relays / SF1VRelay Sockets
Force guided contact mechanism
•
(EN50205 Type A TÜV approved)
Contact configuration
•
4-pole (2NO-2NC, 3NO-1NC)
6-pole (4NO-2NC, 5NO-1NC, 3NO-3NC)
Built-in LED indicator available.
•
Fast response time (8 ms maximum).
•
High shock resistance (200 m/s
•
2
minimum)
Finger-safe DIN rail mount socket and PC board
•
mount socket.
Applicable Standard
Marking
Certification Organization /
File No.
UL508
CSA C22.2 No.14
UL/c-UL File No. E55996
EN50205
EN61810-1
TÜV SÜD
Compact and EN compliant RF1V force guided relays.
Sockets
•
Types
No. of Poles
Ordering Type No.
DIN Rail Mount Sockets
4
SF1V-4-07L
6
SF1V-6-07L
PC Board Mount Sockets
4
SF1V-4-61
6
SF1V-6-61
Certification for Sockets
Applicable Standard
Marking
Certification Organization / File No.
UL508
CSA C22.2 No.14
UL/c-UL File No. E62437
EN147000
EN147100
TÜV SÜD
EC Low Voltage Directive
(DIN rail mount sockets only)
Types
Force Guided Relays
•
Contact
Rated Coil Voltage
Without LED Indicator
With LED Indicator
Ordering Type No.
Ordering Type No.
4-pole
2NO-2NC
12V DC
RF1V-2A2B-D12
RF1V-2A2BL-D12
24V DC
RF1V-2A2B-D24
RF1V-2A2BL-D24
48V DC
RF1V-2A2B-D48
RF1V-2A2BL-D48
3NO-1NC
12V DC
RF1V-3A1B-D12
RF1V-3A1BL-D12
24V DC
RF1V-3A1B-D24
RF1V-3A1BL-D24
48V DC
RF1V-3A1B-D48
RF1V-3A1BL-D48
6-pole
4NO-2NC
12V DC
RF1V-4A2B-D12
RF1V-4A2BL-D12
24V DC
RF1V-4A2B-D24
RF1V-4A2BL-D24
48V DC
RF1V-4A2B-D48
RF1V-4A2BL-D48
5NO-1NC
12V DC
RF1V-5A1B-D12
RF1V-5A1BL-D12
24V DC
RF1V-5A1B-D24
RF1V-5A1BL-D24
48V DC
RF1V-5A1B-D48
RF1V-5A1BL-D48
3NO-3NC
12V DC
RF1V-3A3B-D12
RF1V-3A3BL-D12
24V DC
RF1V-3A3B-D24
RF1V-3A3BL-D24
48V DC
RF1V-3A3B-D48
RF1V-3A3BL-D48
Coil Ratings
Contact
Rated Coil
Voltage (V)
Rated Current
(mA) ±10%
(at 20°C) (Note 1)
Coil
Resistance (Ω)
±10% (at 20°C)
Operating Characteristics
(at 20°C)
Power
Consumption
Pickup Voltage Dropout Voltage
Maximum Continuous
Applied Voltage (Note 2)
4-pole
2NO-2NC
12V DC
30
400
75% maximum
10% minimum
110%
Approx. 0.36W
24V DC
15
1600
48V DC
7.5
6400
3NO-1NC
12V DC
30
400
24V DC
15
1600
48V DC
7.5
6400
6-pole
4NO-2NC
12V DC
41.7
288
Approx. 0.5W
24V DC
20.8
1152
48V DC
10.4
4608
5NO-1NC
12V DC
41.7
288
24V DC
20.8
1152
48V DC
10.4
4608
3NO-3NC
12V DC
41.7
288
24V DC
20.8
1152
48V DC
10.4
4608
Note 1: For relays with LED indicator, the rated current increases by approx. 2 mA.
Note 2: Maximum continuous applied voltage is the maximum voltage that can be applied to relay coils.
(090319)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com