Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 5 Page - IDEC Corporation

Part # RF1V
Description  Enables flexible construction of safety circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 5 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
RF1V Force Guided Relays / SF1V Relay Sockets
6
250
10
0.1
1
100
1
10
AC Resistive Load
Load Voltage (V)
DC Resistive Load
Accessories
Item
Appearance
Specifications
Type No.
Ordering Type No. Package Quantity
Remarks
DIN Rail
Aluminum
Weight: Approx. 200g
BAA1000
BAA1000PN10
10
Length: 1m
Width: 35 mm
Steel
Weight: Approx. 320g
BAP1000
BAP1000PN10
10
Aluminum
Weight: Approx. 250g
BNDN1000 BNDN1000
1
North American standard product
Length: 1m
Width: 35 mm
End Clip
Metal (zinc plated steel)
Weight: Approx. 15g
BNL5
BNL5PN10
10
—
BNL6
BNL6PN10
10
Characteristics
Notes on Contact Gaps except Welded
Contacts
Example: RF1V-2A2B-D24
If the NO contact (7-8 or 9-10) welds, the NC contact (3-4 or
•
5-6) remains open even when the relay coil is de-energized,
maintaining a gap of 0.5 mm. The remaining unwelded NO
contact (9-10 or 7-8) is either open or closed.
If the NC contact (3-4 or 5-6) welds, the NO contact (7-8 or
•
9-10) remains open even when the relay coil is energized,
maintaining a gap of 0.5 mm. The remaining unwelded NC
contact (5-6 or 3-4) is either open or closed.
0.1
1
100
10
1
500
10
30V DC Resistive Load
Load Current (A)
250V AC Resistive Load
Maximum Switching Capacity
•
Electrical Life Curve
•
50 max.
13 max.
10.16
1.0
1.83
13.97
5.08
11.43
5.08
5.08
5.08
0.5
13 max.
10.16
1.0
1.83
13.97
5.08
11.43
5.08
0.5
40 max.
RF1V Dimensions
RF1V (4-pole)
•
RF1V (6-pole)
•
10-
1.4
hole
13.97
5.08 ±0.1
±0.1
±0.1
11.43
5.08
(1.83)
14-
1.4
hole
11.43±0.1
±0.1
±0.1
±0.1
±0.1
±0.1
5.08
5.08
5.08
13.97
5.08
(1.83)
PC Board Terminal Type
Mounting Hole Layout (Bottom View)
RF1V (6-pole)
•
RF1V (4-pole)
•
1
2
34
56
78
910
+
–
4NO-2NC Contact3NO-3NC Contact
5NO-1NC Contact
–
–
+
–
+
–
+
–
+
–
+
1
2
34
56
7 81112
91013 14
1
2
34
56
78 11 12
9101314
1
2
34
56
78 11 12
9101314
4NO-2NC Contact3NO-3NC Contact
5NO-1NC Contact
+
1
2
34
56
78 11 12
9101314
1
2
34
56
7 81112
9101314
1
2
34
56
7 81112
9101314
2NO-2NC Contact
3NO1NC Contact
2NO-2NC Contact
3NO-1NC Contact
1
2
3 4
56
7 8
910
1
2
34
56
78
910
1
2
34
56
7 8
910
1
2
3 4
56
7 8
910
+
–
+
–
+
–
+
–
Internal Connection (Bottom View)
RF1V (6-pole)
•
RF1V (4-pole)
•
Without LED Indicator
Without LED Indicator
With LED Indicator
With LED Indicator
(090319)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com