Electronic Components Datasheet Search
  English  ▼

X  

21083 Datasheet(PDF) 12 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21083
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21083 Datasheet(HTML) 12 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21083 Datasheet HTML 8Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 12Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 13Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 14Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 15Page - TESTEC Elektronik GmbH. All rights reserved. 21083 Datasheet HTML 16Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TT-SI 9001
TT-SI 9002
Ordernumber
15101
15102
Bandwidth
DC to 25MHz (-3dB)
DC to 25MHz (-3dB)
Attenuation Ratio
1:10 / 1:100
1:20 / 1:200
Accuracy
±2%
±2%
Rise Time
14ns
14ns
Input Impedance
4M
// 5,5pF each side to ground
4M
// 5,5pF each side to ground
Input Voltage
– Differential Range
– Common Mode Range
– Absolute max. Voltage CAT III
1:10
±70V (DC + peak AC) or 70Vrms
1:100
±700V (DC + peak AC) or 700Vrms
1:10
±700V (DC + peak AC) or 700Vrms
1:100
±700V (DC + peak AC) or 700Vrms
1:10
±1400V (DC + peak AC) or 1000Vrms
1:100
±1400V (DC + peak AC) or 1000Vrms
1:20
±140V (DC + peak AC) or 140Vrms
1:200
±1400V (DC + peak AC) or 1000Vrms
1:20
±1400V (DC + peak AC) or 1000Vrms
1:200
±1400V (DC + peak AC) or 1000Vrms
1:20
±1400V (DC + peak AC) or 1000Vrms
1:200
±1400V (DC + peak AC) or 1000Vrms
Output
– Swing
– Offset (typical)
– Noise (typical)
– Source Impedance (typical)
±7V (into 2k
load)
<±5mV
0,7mVrms
1
@ 1kHz, 8
@ 1MHz
±7V (into 2k
load)
<±5mV
0,7mVrms
1
@ 1kHz, 8
@ 1MHz
CMRR (typical)
-86dB @ 50Hz, -66dB @ 20kHz
-80dB @ 50Hz, -60dB @ 20kHz
Power requirements: 4 x AA Cells or Mains Adaptor 6VDC/60mA or regulated 9VDC/40mA
Dimensions: (L x W x H) 170mm x 63mm x 21mm
Length: BNC Cable 95cm - Input Leads 45cm
Weight: 400g (Probe and PVC-Jacket)
Type
Specifications
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com