Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-412SS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # MQDEC-412SS
Description  R45C IO-Link Device to Analog In-Out Converter Instruction Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-412SS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  MQDEC-412SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Original Instructions
September 11, 2023
p/n: 223053 Rev. B
223053
R45C IO-Link Device to Analog In-Out
Converter Instruction Manual
•
•
•
•
•
•
•
•
•
•
•
 
Features
 
Compact analog to IO-Link device converter that outputs an analog value,
voltage or current, as presented by the IO-Link Master 
The converter also connects to an analog source, voltage or current, and outputs
the value to the IO-Link master 
Rugged overmolded design meets IP65, IP67, and IP68 
Connects directly to a sensor or anywhere in-line for ease of use 
Models
 
Housing
R45
C = Converter
Q = Integral M12 quick disconnect
Q
Connector
Female
II = Analog Current In/Current Out
UU = Analog Voltage In/Voltage Out
Male
C
II
K
Function
-
-
K = IO-Link
 
Overview
Analog In 
When an analog input value is received by this converter, the numerical representational value is sent to an IO-Link Master via Process Data
In (PDI). 
PDI Analog Ranges:
Voltage = 0 mV to 10,000 mV 
Current = 4,000 µA to 20,000 µA 
Analog Out 
This converter also allows for the user to output an analog value by sending the numerical analog value from the IO-Link Master via Process
Data Out (PDO). 
PDO Analog Ranges:
Voltage = 0 mV to 11,000 mV 
Current = 0 µA to 24,000 µA 
PDO Outside Valid Range (POVR) 
If the PDO value sent to this converter is outside of the PDO Analog Range value, then the actual analog output value will be set to the one
of the three selectable POVR levels after a 2 second delay:
Low (default): 0 V or 3.5 mA 
High: 10.5 V or 20.5 mA 
Hold: Level retains previous value indefinitely 
NOTE: If a connected IO-Link sensor is changed back to SIO mode, then the previous value will be held. 
Status Indicators
The R45C IO-Link Device to Analog In-Out Converter has three amber LED indicators on both sides for IO-Link and analog communications 
to allow for installation needs and still provide adequate indication visibility. There is also a green LED indicator on both sides of the
converter, which signals the device's power status. 
© Banner Engineering Corp.


Similar Part No. - MQDEC-412SS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
520Kb / 8P
K50 Pro Touch Button with IO-Link
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
553Kb / 4P
In-Line Motion Detector
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
751Kb / 6P
EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
1Mb / 8P
WLC60 Heavy Duty LED Light - PWM Dimmable
More results

Similar Description - MQDEC-412SS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com