Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-412SS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # MQDEC-412SS
Description  R45C IO-Link Device to Analog In-Out Converter Instruction Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-412SS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  MQDEC-412SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R45C IO-Link Device to Analog In-Out Converter Instruction Manual
September 11, 2023
page 3
 
12.9 mm
3.9 mm
3 mm *
for minimum
engagement of
three threads
Screw Length (with screw head fitting in counterbore) = 12.9 mm + “X” mm + 3 mm
X
*
CAUTION: Do not overtighten the R45C's mounting screw during installation. Overtightening can affect the
performance of the R45C.  
Wiring Diagrams
Male 
Female 
Pin 
Wire Color 
1
4
3
2
 
2
3
4
1
 
1 
Brown 
2 
White 
3 
Blue 
4 
Black 
Female (Analog In-Out) 
Signal Description 
Pin 1 
18 V DC to 30 V DC 
Pin 2 
 Analog In 
Pin 3 
Ground 
Pin 4 
Analog Out 
Male (IO-Link Master) 
Signal Description 
Pin 1 
18 V DC to 30 V DC 
Pin 2 
Banner-specific 
Pin 3 
Ground 
Pin 4 
IO-Link 
Configuration
The measured current value is available via Process Data as the measure value μA, and the voltage is available in mV. 
For more information, see Banner P/N 223174 
R45C Analog Converter (Voltage and Current) IO-Link Data Reference Guide and Banner P/N 
223171 
R45C-K-Analog IO-LINK IODD Files. 
IO-Link® 
IO-Link® is a point-to-point communication link between a master device and a sensor and/or light. It can be used to automatically
parameterize sensors or lights and to transmit process data. For the latest IO-Link protocol and specifications, please visit www.io-link.com. 
For the latest IODD files, please refer to the Banner Engineering Corp website at: www.bannerengineering.com. 
Specifications
Supply Voltage
18 V DC to 30 V DC at 50 mA maximum
Power Pass-Through Current
4 A maximum
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Leakage Current Immunity
400 µA
© Banner Engineering Corp. All rights reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com