Electronic Components Datasheet Search
  English  ▼

X  

FMP-12C9 Datasheet(PDF) 4 Page - 3M Electronics

Part # FMP-12C9
Description  3M™ Eco SPP3 19" Fibre Optic Patch Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMP-12C9 Datasheet(HTML) 4 Page - 3M Electronics

  FMP-12C9 Datasheet HTML 1Page - 3M Electronics FMP-12C9 Datasheet HTML 2Page - 3M Electronics FMP-12C9 Datasheet HTML 3Page - 3M Electronics FMP-12C9 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FO-Splicing protection holder, crimp
05-760-08000
PU: 10 pcs, for 12 x crimp splice protectors
FO-Crimp splice protector
05-760-08 100
PU: 150 pcs
FO-Splicing protection holder, shrink
05-760-11900
PU: 100 pcs, for 6 x shrink splice protectors
FO-Heatshrink splice protector 60 mm FSS 1
05-760-12000
PU: 1000 pcs
FO-Heatshrink splice protector 45 mm FSS 1 / 2,4
05-760-12100
PU: 1000 pcs
FO-Splicing holder FibrlokTM Universal
2529-H
PU: 20 pcs, for 6 x Fibrlok
Pigtail Module ST 50/125 w/DIN-Cassette
FMP-12T5
Pigtail Module ST 62,5/125 w/DIN-Cassette
FMP-12T6
Pigtail Module SC/PC 9/125 w/DIN-Cassette
FMP-12C9
Pigtail Module SC/UPC 9/125 w/DIN-Cassette
FMP-12UPC9
Pigtail Module SC 50/125 w/DIN-Cassette
FMP-12C5
Pigtail Module SC 50/125 OM3 w/DIN-Cassette
FMP-12C5OM3
Pigtail Module SC 62,5/125 w/DIN-Cassette
FMP-12C6
Pigtail Module FC/PC 9/125 w/DIN-Cassette
FMP-12F9
Pigtail Module LC/PC 9/125 w/DIN-Cassette
FMP-12L9
Pigtail Module LC/UPC 9/125 w/DIN-Cassette
FMP-12UPL9
Pigtail Module LC/PC 950125 w/DIN-Cassette
FMP-12L5
Pigtail Module LC 50/125 OM3 w/DIN-Cassette
FMP-12L5OM3
Pigtail Module LC 62,5/125 w/DIN-Cassette
FMP-12L6
Important Notice
Rights reserved to make technical alternations.
Dr.Nr. 07-404-97500/06.2008 Index 0
3M Telecommunications
Europe, Middle East & Africa
c/o 3M Deutschland GmbH
Carl-Schurz-Straße 1
41453 Neuss · Germany
Tel.:
++49 (0)2131 / 14-5999
Fax:
++49 (0)2131 / 14-5998
Internet: www.3MTelecommunications.com
Buyer and/or user of this 3M product has to make sure before using this product that it is suitable for the intended use.
All questions of liability relating to this product are subject - in accordance with the prevailing law - to the Terms of Sale
of the selling 3M subsidiary. 3M and Fibrlok are trademarks of the 3M company.
Ordering information Accessories (not included)
Ref. No.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com