Electronic Components Datasheet Search
  English  ▼

X  

FMP-12C9 Datasheet(PDF) 1 Page - 3M Electronics

Part # FMP-12C9
Description  3M™ Eco SPP3 19" Fibre Optic Patch Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMP-12C9 Datasheet(HTML) 1 Page - 3M Electronics

  FMP-12C9 Datasheet HTML 1Page - 3M Electronics FMP-12C9 Datasheet HTML 2Page - 3M Electronics FMP-12C9 Datasheet HTML 3Page - 3M Electronics FMP-12C9 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
The Eco SPP3 patch panel range is designed as fibre optic patch panel
mainly for backbone cable with pigtail splicing in splice cassettes, but
can also be used for direct termination with e.g. the 3M Hotmelt- or
NPC connectors.
Four entry ports allows the fixing of the backbone cable to 48 fibres
through cable glands (16 and 20mm). The panel also offers fixing
hooks for manifolds of pre-terminated backbone cable. A central thread
allows to stack up to 4 DIN splice cassettes incl. top lid. The cassette is
secured against rotation.
The panels have a sliding mechanism with a defined hard stop, which
prevents the drawer from being pulled out completely and therefore
offers the installer a comfortable handling for both, new installation and
re-arrangements.
The Eco SPP3 program offers only panels with pre-terminated couplings.
Pre-assembled pigtail-splice cassette modules are available for easy
field assembly of a complete 19“ patch panel.
Design Features
• Sliding 1U patch panel with defined stop for the drawer
• Upfolded flaps avoid rotation of DIN splice cassette
• Integrated hooks for convenient fibre management
• U-Slots with bottle neck for better retention of cable glands
• Reduced depth (219 mm)
3M™ Eco SPP3
19" Fibre Optic Patch Panels
Features
• Sliding design
• Multiple cable entry ports
• Fixing for breakout manifolds
• Fixing thread for splice tray (DIN)
• Port numbering on front panel
• Universal cage nuts and bolts for 19” frames
• For all common connector standards
Benefits
• Easy handling, Installer friendly
• Handles all kind of backbone cable
• Handles also pre-terminated backbone cable
• Comfortable fibre management
• Easy traceability
• Comfortable installation
• One design fits all applications
3M™ Eco SPP3 19" Fibre Optic Patch Panels


Similar Part No. - FMP-12C9

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FMP-12-SSPF LABFACILITY-FMP-12-SSPF Datasheet
211Kb / 1P
Connector Panel Face-plates – Type SSPF
More results

Similar Description - FMP-12C9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1711278-1 MACOM-1711278-1 Datasheet
83Kb / 1P
Shielded Patch Panels
logo
List of Unclassifed Man...
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
PANDUIT CORP.
FXLE3-10M2 PANDUIT-FXLE3-10M2 Datasheet
91Kb / 2P
Opti-Core Fibre Optic Patch Cords - Low Smoke Zero Halogen (LSZH) Rated
logo
Tripp Lite. All Rights ...
N42003M TRIPPLITE-N42003M Datasheet
481Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-SC),3M (10-ft.)
N42203M TRIPPLITE-N42203M Datasheet
491Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-LC),3M (10-ft.)
N42603M TRIPPLITE-N42603M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 3M (10-ft.)
logo
PANDUIT CORP.
DPA245E88TGY PANDUIT-DPA245E88TGY Datasheet
453Kb / 1P
DP5e UTP Patch Panels
logo
Tripp Lite. All Rights ...
N426-03M TRIPPLITE-N426-03M Datasheet
163Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 3M (10-ft.)
logo
Weidmuller
1344760000 WEIDMULLER-1344760000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
1362950000 WEIDMULLER-1362950000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com