Electronic Components Datasheet Search
  English  ▼

X  

0830313 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0830313
Description  US-EMP (70X15) YE - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830313 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0830313 Datasheet HTML 1Page - PHOENIX CONTACT 0830313 Datasheet HTML 2Page - PHOENIX CONTACT 0830313 Datasheet HTML 3Page - PHOENIX CONTACT 0830313 Datasheet HTML 4Page - PHOENIX CONTACT 0830313 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10 ... 25 °C / 35 ... 65 % relative humidity. Storage in a cool and
dry place is recommended.
Recommended ambient temperature (storage/transport)
10 °C ... 25 °C
Recommended humidity (storage/transport)
35 % ... 65 %
Shelf life
12 months (see packaging date)
Dimensions
Width
70 mm
Height
0.5 mm
Depth
0.5 mm
Length
15 mm
Material strength
0.50 mm
Text field
Text field width
70 mm
Text field height
15 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
US-EMP (70X15) YE - Snap-in markers
0830313
https://www.phoenixcontact.com/us/products/0830313
May 16, 2025, 6:59AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com