Electronic Components Datasheet Search
  English  ▼

X  

0830313 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830313
Description  US-EMP (70X15) YE - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830313 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830313 Datasheet HTML 1Page - PHOENIX CONTACT 0830313 Datasheet HTML 2Page - PHOENIX CONTACT 0830313 Datasheet HTML 3Page - PHOENIX CONTACT 0830313 Datasheet HTML 4Page - PHOENIX CONTACT 0830313 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Device marking
Marking
Number of individual labels
8
Number of individual labels per row
1
Identification technology
Thermal transfer for sheets and cards
Mounting
Mounting type
latching
Material specifications
RoHS compliant
yes
Foil strength
500 µm
Color
yellow (RAL 1018)
PVC
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
IEC 61010-1:2010-06
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05 (following)
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
US-EMP (70X15) YE - Snap-in markers
0830313
https://www.phoenixcontact.com/us/products/0830313
May 16, 2025, 6:59AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com