Electronic Components Datasheet Search
  English  ▼

X  

0830589 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0830589
Description  EML-ESD (15X6)R CUS - Equipment marking
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830589 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0830589 Datasheet HTML 1Page - PHOENIX CONTACT 0830589 Datasheet HTML 2Page - PHOENIX CONTACT 0830589 Datasheet HTML 3Page - PHOENIX CONTACT 0830589 Datasheet HTML 4Page - PHOENIX CONTACT 0830589 Datasheet HTML 5Page - PHOENIX CONTACT 0830589 Datasheet HTML 6Page - PHOENIX CONTACT 0830589 Datasheet HTML 7Page - PHOENIX CONTACT 0830589 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Specification
ISO 175:2010 (following)
Test duration
168 h
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Diesel
[CAS No. 68476-34-6]
Test passed
IRM 901
Test passed
IRM 902
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 4 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
2 years
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Foil strength
52 µm
Adhesive strength
24 µm
Adhesive
Acrylic
Color
white (RAL 9010)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
EML-ESD (15X6)R CUS - Equipment marking
0830589
https://www.phoenixcontact.com/us/products/0830589
May 16, 2025, 7:46AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com