Electronic Components Datasheet Search
  English  ▼

X  

0830589 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830589
Description  EML-ESD (15X6)R CUS - Equipment marking
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830589 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830589 Datasheet HTML 1Page - PHOENIX CONTACT 0830589 Datasheet HTML 2Page - PHOENIX CONTACT 0830589 Datasheet HTML 3Page - PHOENIX CONTACT 0830589 Datasheet HTML 4Page - PHOENIX CONTACT 0830589 Datasheet HTML 5Page - PHOENIX CONTACT 0830589 Datasheet HTML 6Page - PHOENIX CONTACT 0830589 Datasheet HTML 7Page - PHOENIX CONTACT 0830589 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Equipment marking, can be ordered: by line, white, labeled according to customer specifications,
mounting type: adhesive, text field height: 6 mm, text field width: 15 mm
Your advantages
The EML-ESD label is well suited for marking sensitive components on printed-circuit boards
•
The label includes an adhesive that dissipates static electricity, which prevents the transmission of electrostatic voltages and protects the
component
•
When combined with the right ink ribbon, the marking is highly resistant to solvents
•
The EML-ESD ... materials are UL-listed
•
Labeling service: Phoenix Contact can custom-label all EML-ESD ... markers in accordance with your requirements
•
Commercial data
Item number
0830589
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 285 (C-5-2013)
GTIN
4046356720281
Weight per piece (including packing)
0.245 g
Weight per piece (excluding packing)
0.245 g
Country of origin
PL
EML-ESD (15X6)R CUS - Equipment marking
0830589
https://www.phoenixcontact.com/us/products/0830589
May 16, 2025, 7:46AM
Page 1 (8)


Similar Part No. - 0830589

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830580 PHOENIX-0830580 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (24X4)RL-T
0830581 PHOENIX-0830581 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25X8)RL-T
0830582 PHOENIX-0830582 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25,4X12,7)RL-T
0830583 PHOENIX-0830583 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (32X10)RL-T
0830584 PHOENIX-0830584 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (35X6,5)RL-T
More results

Similar Description - 0830589

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830564 PHOENIX-0830564 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (8X8)R
0830565 PHOENIX-0830565 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (15X6)R
0830567 PHOENIX-0830567 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (20X7)R
0830568 PHOENIX-0830568 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (24X4)R
0830569 PHOENIX-0830569 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25X8)R
0830571 PHOENIX-0830571 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (32X10)R
0830574 PHOENIX-0830574 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (45X5)R
0830575 PHOENIX-0830575 Datasheet
47Kb / 3P
Equipment marking - EML-ESD (50X10)R
0830577 PHOENIX-0830577 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (15X6)RL-T
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com