Electronic Components Datasheet Search
  English  ▼

X  

0830664 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830664
Description  EML-HT (20X7)R CUS - High-temperature label
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830664 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830664 Datasheet HTML 1Page - PHOENIX CONTACT 0830664 Datasheet HTML 2Page - PHOENIX CONTACT 0830664 Datasheet HTML 3Page - PHOENIX CONTACT 0830664 Datasheet HTML 4Page - PHOENIX CONTACT 0830664 Datasheet HTML 5Page - PHOENIX CONTACT 0830664 Datasheet HTML 6Page - PHOENIX CONTACT 0830664 Datasheet HTML 7Page - PHOENIX CONTACT 0830664 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
High-temperature label, for thermal transfer printers, round, with 12 mm diameter, resistant for
60 s at up to 300°C, individual month and year identification
Your advantages
The EML-HT label is made of an acrylate film that is highly temperature-resistant. It can be used for marking printed circuit boards and in all
industrial soldering processes
•
Continuous temperature range of -40 °C ... 180 °C, 300 °C for up to 60 seconds
•
When combined with the ink ribbon THERMOMARK-RIBBON 110 EML-HT, the marking is highly resistant to high temperatures and chemicals
•
The EML-HT ... materials are UL-listed
•
Labeling service: Phoenix Contact can custom-label all EML-HT ... markers in accordance with your requirements
•
Commercial data
Item number
0830664
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 283 (C-5-2013)
GTIN
4046356719384
Weight per piece (including packing)
0.93 g
Weight per piece (excluding packing)
0.9 g
Country of origin
PL
EML-HT (20X7)R CUS - High-temperature label
0830664
https://www.phoenixcontact.com/us/products/0830664
May 16, 2025, 7:38AM
Page 1 (8)


Similar Part No. - 0830664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830660 PHOENIX-0830660 Datasheet
50Kb / 3P
High-temperature label - EML-HT (40X15)RL-T
0830661 PHOENIX-0830661 Datasheet
50Kb / 3P
High-temperature label - EML-HT (45X5)RL-T
0830662 PHOENIX-0830662 Datasheet
50Kb / 3P
High-temperature label - EML-HT (50X10)RL-T
0830663 PHOENIX-0830663 Datasheet
199Kb / 8P
EML-HT (15X6)R CUS - High-temperature label
More results

Similar Description - 0830664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830644 PHOENIX-0830644 Datasheet
51Kb / 3P
High-temperature label - EML-HT (15X6)R
0830645 PHOENIX-0830645 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)R
0830646 PHOENIX-0830646 Datasheet
50Kb / 3P
High-temperature label - EML-HT (24X4)R
0830647 PHOENIX-0830647 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25X8)R
0830648 PHOENIX-0830648 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25,4X12,7)R
0830649 PHOENIX-0830649 Datasheet
50Kb / 3P
High-temperature label - EML-HT (32X10)R
0830650 PHOENIX-0830650 Datasheet
50Kb / 3P
High-temperature label - EML-HT (35X6,5)R
0830654 PHOENIX-0830654 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)RL-T
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com