Electronic Components Datasheet Search
  English  ▼

X  

0830664 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830664
Description  EML-HT (20X7)R CUS - High-temperature label
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830664 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830664 Datasheet HTML 1Page - PHOENIX CONTACT 0830664 Datasheet HTML 2Page - PHOENIX CONTACT 0830664 Datasheet HTML 3Page - PHOENIX CONTACT 0830664 Datasheet HTML 4Page - PHOENIX CONTACT 0830664 Datasheet HTML 5Page - PHOENIX CONTACT 0830664 Datasheet HTML 6Page - PHOENIX CONTACT 0830664 Datasheet HTML 7Page - PHOENIX CONTACT 0830664 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Labeled device marker
Product property
Highly resistant to temperature
Marking
Number of individual labels per row
4
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 125 °C (150 °C)
Test passed
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Sodium hydroxide 0.1 mol/l
[CAS No. 1310-73-2]
Test passed
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Specification
ISO 175:2010 (following)
Test duration
168 h
IRM 901
Test passed
IRM 902
Test passed
EML-HT (20X7)R CUS - High-temperature label
0830664
https://www.phoenixcontact.com/us/products/0830664
May 16, 2025, 7:38AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com