Electronic Components Datasheet Search
  English  ▼

X  

K8DT-AS2CD Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # K8DT-AS2CD
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS2CD Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button K8DT-AS2CD Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 9Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
K8DT-AS
6
Operation Methods
Setting Ranges and Wiring Connections
Connections
Input
Connect the input between the I1-COM, I2-COM, or I3-COM terminals, according to the input
current. Malfunctions may occur if the input is connected to unused terminals and the Unit will not
operate correctly.
For the K8DT-AS3, the I1 terminal is not used. For the K8DT-AS2, the I3 terminal is not used.
If using the OMRON K8AC-CT200L CT, connect to terminals k and l on the K8AC-CT200L.
(Terminals kt and lt are not used.)
Power Supply
Connect the power supply to terminals A1 and A2.
Outputs
For a relay output, the SPDT contacts are output on terminals 11, 12, and 14. For a transistor output,
the output is on terminals 11 and 14.
The internal circuit of the transistor output is NPN, but application is possible for either a sinking or
sourcing output.
DIP Switch Settings
The reset method, drive output method, and operating mode are set using the DIP switch located on the front of the Unit.
For the K8DT-AS
@, SW1 is not used.
Note: Open the DIP switch cover to set the DIP switch.
Keep the DIP switch cover closed while the power supply to the Relay is ON.
Model
Setting range
Input type
Wiring
connections
K8DT-AS1
2 to 20 mA AC/DC
Direct input
I1-COM
10 to 100 mA AC/DC
Direct input
I2-COM
50 to 500 mA AC/DC
Direct input
I3-COM
K8DT-AS2
0.1 to 1 A AC/DC
Direct input or
commercially available
CT
I1-COM
0.5 to 5 A AC/DC
I2-COM
K8DT-AS3
10 to 100 A AC
*
OMRON CT
I2-COM
20 to 200 A AC
*
OMRON CT
I3-COM
Note: The DC input terminals have no polarity.
* The K8DT-AS3 is designed to be used in
combination with the OMRON K8AC-CT200L
Current Transformer (CT). (Direct input is not
possible.)
Single-phase power
K8DT-AS3
K8AC-
CT200L
Current input
or
C (COM)
A1
A2
I1
I2
I3
Load
Power supply
voltage
11
14
11
14
l
k
12
Contact output
Transistor output
<For K8DT-AS3>
load
K8DT
11
Sinking
In the case of sinking output applications
14
load
K8DT
11
In the case of sourcing output applications
14
Sourcing
SW3
DIP switch pins
SW2
SW1
SW4
DIP Switch Functions
Note: All pins are set to OFF by default.
Pin
ON
❍↑
OFF
●↓
Resetting
method
Automatic reset
Not used.
❍
---
---
Manual reset
●
---
---
Output drive
method
Normally closed
---
❍
---
Normally open
---
●
---
Operating mode
Undercurrent
---
---
❍
Overcurrent
---
---
●
1
ON
OFF
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com